Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 358 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 358 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 354Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 355Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 356Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 357Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 358Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 359Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 360Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 361Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 362Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 358 / 555 page
background image
www.national.com
358
Revision 0.8
SMB Controller Register Descriptions (Continued)
5.11.1.5
SMB Address (SMB_ADDR)
1STOP
Stop.
0: Automatically cleared after Stop issued.
1: Setting this bit in master mode generates a Stop condition to complete or abort cur-
rent message transfer.
0START
Start. Set this bit only when in master mode or when requesting master mode.
0: Cleared after Start condition sent or Bus Error (BER (SMB I/O Offset 01h[5]) = 1)
detected.
1: Single or repeated Start condition generated on the SMB. If the device is not the
active master of the bus (MASTER (SMB I/O Offset 01h[1]) = 0), setting START gen-
erates a Start condition when the SMB becomes free (BB (SMB I/O Offset 02h[1]) =
0). An address transmission sequence should then be performed.
If the device is the active master of the bus (MASTER = 1), setting START and then
writing to SMBSDA generates a Start condition. If a transmission is already in
progress, a repeated Start condition is generated. This condition can be used to
switch the direction of the data flow between the master and the slave, or to choose
another slave device without separating them with a Stop condition.
SMB I/O Offset
04h
Type
R/W
Reset Value
00h
SMB_ADDR Register Map
76
54
32
10
SAEN
SMBADDR
SMB_ADDR Bit Descriptions
Bit
Name
Description
7
SAEN
Slave Enable.
0: SMB does not check for an address match with address field.
1: Address field holds a valid address and enables the match of ADDR to an incoming
address byte.
6:0
SMBADDR
Device address (SMB Own Address). These bits hold the 7-bit device address. When
in slave mode, the first 7 bits received after a Start condition are compared with this
field (first bit received is compared with bit 6, and the last bit with bit 0). If the address
field matches the received data and SAEN (bit 7) is 1, a match is declared.
SMB_CTRL1 Bit Descriptions
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com