Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 361 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 361 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 357Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 358Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 359Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 360Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 361Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 362Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 363Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 364Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 365Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 555 page
background image
Revision 0.8
361
www.national.com
UART/IR Controller Register Descriptions (Continued)
07h
R/W
Scratchpad Register (SPR)
00h
Page 380
R/W
Auxiliary Status and Control Register (ASCR)
00h
Page 380
Bank 1
00h
R/W
Legacy Baud Generator Divisor Low Byte
(LBGD_L)
xxh
Page 381
01h
R/W
Legacy Baud Generator Divisor High Byte
(LBGD_H)
xxh
Page 381
02h
---
Reserved Register (RSVD)
---
---
03h
RW
Link Control Register (LCR)
00h
Page 382
R/W
Bank Selection Encoding Register (BSR)
00h
Page 382
04h-07h
---
Reserved (RSVD)
---
---
Bank 2
00h
R/W
Baud Generator Divisor Low Byte (BGD_L)
xxh
Page 383
01h
R/W
Baud Generator Divisor High Byte (BGD_H)
xxh
Page 383
02h
R/W
Extended Control Register 1 (EXCR1)
00h
Page 383
03h
R/W
Bank Select Register (BSR)
00h
Page 385
04h
R/W
Extended Control Register 2 (EXCR2)
00h
Page 385
05h
---
Reserved Register (RSVD)
---
---
06h
RO
TX_FIFO Current Level Register (TXFLV)
00h
Page 386
07h
RO
RX_FIFO Current Level Register (RXFLV)
00h
Page 387
Bank 3
00h
RO
Module Identification and Revision ID Register
(MRID)
0xh
Page 387
01h
RO
Shadow of Link Control Register (SH_LCR)
00h
Page 388
02h
RO
Shadow of FIFO Control Register (SH_FCR)
00h
Page 388
03h
R/W
Bank Select Register (BSR)
00h
Page 388
04h-07h
---
Reserved Register (RSVD)
---
---
Bank 4
00h-01h
---
Reserved Register (RSVD)
---
---
02h
R/W
IR Control Register 1 (IRCR1)
00h
Page 389
03h
R/W
Bank Select Register (BSR)
00h
Page 389
04h-07h
---
Reserved Register (RSVD)
---
---
Bank 5
00h-02h
---
Reserved Register (RSVD)
---
---
03h
R/W
Bank Select Register (BSR)
00h
Page 390
04h
R/W
IR Control Register 2 (IRCR2)
02h
Page 390
05h-07h
---
Reserved Register (RSVD)
---
---
Bank 6
00h
R/W
IR Control Register 3 (IRCR3)
20h
Page 391
Table 5-29. UART/IR Controller Native Registers Summary (Continued)
I/O Offset
Type
Register Name
Reset Value
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com