Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 363 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 363 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 359Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 360Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 361Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 362Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 363Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 364Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 365Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 366Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 367Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 555 page
background image
Revision 0.8
363
www.national.com
UART/IR Controller Register Descriptions (Continued)
5.12.1 UART/IR Controller Specific MSRs
5.12.1.1
UART[x] Primary Dongle and Modem Interface (UART[x]_MOD)
UART1 Primary Dongle and Modem Interface (UART[1]_MOD)
UART2 Primary Dongle and Modem Interface (UART[2]_MOD)
MSR_UART[x]_MOD is used for primary identification of the dongle interface and also provides the device with a virtual
modem interface. To run legacy software, the modem control bits are set such that the software sees the modem always
ready for data transfer.
MSR Address
51400038h
Type
R/W
Reset Value
0xh
MSR Address
5140003Ch
Type
R/W
Reset Value
0xh
UART[x]_MOD Register Map
76
54
32
10
MOD7
MOD6
MOD5
MOD4
ID0
ID1
ID2
ID3
UART[x]_MOD Bit Descriptions
Bit
Name
Description
7MOD7
Modem 7. This bit directly sets the value of the Ring Indicator (RI) bit of the Modem Status
Register (Bank 0, I/O Offset 06h[6]).
6MOD6
Modem 6. This bit directly sets the value of the Data Set Ready (DSR) bit of the Modem Status
Register (Bank 0, I/O Offset 06h[5]).
5MOD5
Modem 5. This bit directly sets the value of the Data Carrier Detect (DCD) bit of the Modem
Status Register (Bank 0, I/O Offset 06h[7]).
4MOD4
Modem 4. This bit directly sets the value of the Clear to Send (CTS) bit of the Modem Status
Register (Bank 0, I/O Offset 06h[4]).
3:0
ID0-ID3
Primary Dongle Control Signals. This field selects the type of IR Dongle allowing software to
imitate the functionality of a real dongle. These bits are unused in UART mode.
x000: Infrared transceiver with serial interface and differential signalling.
x100: Reserved.
0010: IrDA-data transceiver is: Sharp RY5HD01 or Sharp RY5KD01.
1010: Reserved.
0110: Infrared transceiver with serial interface and single-ended signalling.
1110: Infrared transceiver supports consumer IR modes only.
0001: IrDA-data transceiver is: HP HSDL-2300 or HP HSDL-3600
1001: IrDA-data transceiver is: IBM 31T1100, Vishay-Telefunken TFDS6000 or Siemens
IRMS/T6400.
0101: Reserved.
1101: IrDA-data transceiver is: Vishay-Telefunken TFDS6500.
x011: IrDA-data transceiver is: HP HSDL-1100, HP HSDL-2100, TI TSML 1100 or Sharp
RY6FD11E.
0111: IrDA-data transceiver supports SIR mode only.
1111: No dongle connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com