Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 367 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 367 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 363Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 364Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 365Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 366Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 367Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 368Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 369Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 370Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 371Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 555 page
background image
Revision 0.8
367
www.national.com
UART/IR Controller Register Descriptions (Continued)
5.12.3 Bank 0 Register Descriptions
In non-extended modes of operation, Bank 0 is compatible with both the 16450 and 16550. Upon reset, this functional block
defaults to the 16450 mode. In extended mode, all the registers (except RXD and TXD) offer additional features. The bit for-
mats for the registers in Bank 0 are summarized in Table 5-32. Detailed descriptions of each register follow.
5.12.3.1
Receive/Transmit Data Ports
Receive Data Port (RXD)
Transmit Data Port (TXD)
The RXD (RO) and TXD (WO) ports share the same address.
RXD is accessed during CPU read cycles. It is used to receive incoming data when the FIFOs are disabled, or from the bot-
tom of the RX_FIFO when the FIFOs are enabled.
TXD is accessed during CPU write cycles. It is used to write data directly to the transmitter when the FIFOs are disabled, or
to the TX_FIFO when the FIFOs are enabled.
DMA cycles always access the TXD and RXD ports, regardless of the selected bank.
Table 5-32. Bank 0 Register Bit Map
I/O
Offset Name
7
654
3210
00h
RXD
RXD7
RXD6
RXD5
RXD4
RXD3
RXD2
RXD1
RXD0
00h
TXD
TXD7
TXD6
TXD5
TXD4
TXD3
TXD2
TXD1
TXD0
01h
IER
(Note 1)
Note 1. Non-Extended Mode.
RSVD
MS_IE
LS_IE
TXLDL_IE
RXHDL_IE
IER
(Note 2)
Note 2. Extended Mode.
RSVD
TXEMP_IE
DMA_IE
MS_IE
LS_IE
TXLDL_IE
RXHDL_IE
02h
EIR
(Note 1)
FEN[1:0]
RSVD
RXFT
IPR[1:0]
IPF
EIR
(Note 2)
RSVD
TXEMP_EV
DMA_EV
MS_EV
LS_EV/
TXHLT_EV
TXLDL_EV
RXHDL_IE
FCR
RXFTH[1:0]
TXFTH[1:0]
RSVD
TXSR
RXSR
FIFO_EN
03h
LCR
BKSE
SBRK
STKP
EPS
PEN
STB
WLS[1:0]
BSR
BKSE
BSR[6:0]
04h
MCR
(Note 1)
RSVD
LOOP
ISEN or
DCDLP
RILP
RTS
DTR
MCR
(Note 2)
MDSL[2:0]
IR_PLS
TX_DFR
DMA_EN
RTS
DTR
05h
LSR
ER_INF
TXEMP
TXRDY
BRK
FE
PE
OE
RXDA
06h
MSR
DCD
RI
DSR
CTS
DDCD
TERI
DDSR
DCTS
07h
SPR
(Note 1)
Scratch Data
ASCR
(Note 2)
CTE
TXUR
RXACT
RXWDG
RSVD
S_OET
RSVD
RXF_TOUT
I/O Offset
00h
Type
RO
Reset Value
xxh
I/O Offset
00h
Type
WO
Reset Value
xxh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com