Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 365 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 365 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 361Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 362Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 363Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 364Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 365Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 366Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 367Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 368Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 369Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 555 page
background image
Revision 0.8
365
www.national.com
UART/IR Controller Register Descriptions (Continued)
5.12.1.3
UART[x] Interface Configuration (UART[x]_CONF)
UART1 Interface Configuration (UART[1]_CONF)
UART2 Interface Configuration (UART[2]_CONF)
UART[x]_CONF derives the control signals for mode and reset control.
MSR Address
5140003Ah
Type
R/W
Reset Value
42h
MSR Address
5140003Eh
Type
R/W
Reset Value
42h
UART[x]_CONF Register Map
76
54
32
10
RSVD
BUSY
RESET2SIR
EN_ BANKS
TEST
PWDN
DEVEN
MSR_SOFT_
RESET
UART[x]_CONF Bit Descriptions
Bit
Name
Description
7
RSVD
Reserved. Write as 0.
6
BUSY (RO)
Busy (Read Only). When high, this bit indicates that the UART busy signal is active.
5
RESET2SIR
IR Transmitter and Receiver Reset. Set to 1 to enable reset to the IR transmitter and
receiver. (Default = 0.) Write 0 to bring it out of reset.
4
EN_BANKS
Banks Enable. When set to 1, enables access to upper banks (i.e., Banks 2 through 7).
(Default = 0; that is, the UART boots in basic mode [16550 mode where access to upper
banks is not needed]).
3
TEST
Test. When set to 1, the UART goes into test mode and generates a baud clock on the
serial output pin UART[x]_TX (Default = 0.)
2PWDN
Power-down. When set to 1, the UART clocks (24 MHz clock) are frozen, but interrupt
remains enabled. (Default = 0.)
1
DEVEN
Device Enable. Set to 1 to enable the UART. Resetting this bit disables UART functional-
ity and masks the interrupt. (Default = 1.)
0MSR_SOFT_
RESET
MSR Software Reset. Writing a 1 resets the UART. (Default = 0.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com