Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 369 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 369 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 365Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 366Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 367Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 368Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 369Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 370Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 371Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 372Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 373Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 555 page
background image
Revision 0.8
369
www.national.com
UART/IR Controller Register Descriptions (Continued)
IER, Non-Extended Mode: UART, SIR or Sharp-IR (EXCR1.EXT_SL = 0)
Upon reset, the IER supports UART, SIR and Sharp-IR in non-extended modes.
5.12.3.3
Event Identification (EIR)/FIFO Control Registers (FCR)
The Event Identification Register (EIR) is a read-only register and shares the same address as the write-only FIFO Control
Register (FCR).
Event Identification Register (EIR)
The EIR indicates the interrupt source, and operates in two modes, non-extended mode (EXT_SL of the EXCR1 register =
0), and extended mode (EXT_SL of the EXCR1 register = 1) (Bank 2, I/O Offset 02h[0]). In non-extended mode (default),
this register functions the same as in the 16550 mode.
EIR, Extended Mode (EXCR1.EXT_SL = 1)
In extended mode, each of the previously prioritized and encoded interrupt sources is broken down into individual bits.
Each bit in this register acts as an interrupt pending flag, and is set to 1 when the corresponding event has occurred or is
pending, regardless of the IER register bit setting. When this register is read, the DMA event (bit 4) is cleared if an 8237
type DMA is used. All other bits are cleared when the corresponding interrupts are acknowledged, by reading the relevant
register (e.g., reading the MSR register clears MS_EV).
IER Non-Extended Mode Register Map
76
54
32
10
RSVD
MS_IE
LS_IE
TXLDL_IE
RXHDL_IE
IER Non-Extended Mode Bit Descriptions
Bit
Name
Description
7:4
RSVD
Reserved. Write as 0.
3MS_IE
Modem Status Interrupt Enable. Setting this bit to 1 enables the interrupts on modem
status events. (EIR bits [3:0] are 0000.)
2LS_IE
Link Status Interrupt Enable. Setting this bit to 1 enables interrupts on Link Status
events. (EIR bits [3:0] are 0110)
1
TXLDL_IE
Transmitter Low Data Level Interrupt Enable. Setting this bit to 1 enables interrupts
on transmitter low data level events. (EIR bits [3:0] are 0010.)
0
RXHDL_IE
Receiver High Data Level Interrupt Enable. Setting this bit to 1 enables interrupts on
receiver high data level, or RX_FIFO timeout events. (EIR bits [3:0] are 0100 or 1100.)
I/O Offset
02h
Type
RO
Reset Value
Extended Mode: 22h
Non-Extended Mode: 01h
EIR Extended Mode Register Map
76
54
32
10
RSVD
TXEMP_EV
DMA_EV
MS_EV
LS_EV/TXHLT_
EV
TXLDL_EV
RXHDL_EV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com