Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 411 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 411 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 407Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 408Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 409Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 410Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 411Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 412Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 413Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 414Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 415Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 555 page
background image
Revision 0.8
411
www.national.com
DMA Register Descriptions (Continued)
5.13.2.13 DMA Channel [7:4] Status / Command
Master DMA Channel [7:4] Status (DMA_CH7:4_STS)
Master DMA Channel [7:4] Command (DMA_CH7:4_CMD)
DMA_CH[x]_CNT_BYTE Bit Descriptions
Bit
Name
Description
7:0
DMA_CH_CNT_BYTE
DMA Channel Transfer Count. Read/write in two successive bus cycles, low
byte first.
I/O Address
0D0h
Type
R
Reset Value
00h
DMA_CH7:4_STS Register Map
76543
210
DMA_CH7_RQ DMA_CH6_RQ DMA_CH5_RQ DMA_CH4_RQ DMA_CH7_TC
DMA_CH6_TC
DMA_CH5_TC
DMA_CH4_TC
DMA_CH7:4_STS Bit Descriptions
Bit
Name
Description
7
DMA_CH7_RQ
Channel 7 DMA Request. 0: Not pending; 1: Pending.
6
DMA_CH6_RQ
Channel 6 DMA Request. 0: Not pending; 1: Pending.
5
DMA_CH5_RQ
Channel 5 DMA Request. 0: Not pending; 1: Pending.
4
DMA_CH4_RQ
Channel 4 DMA Request. 0: Not pending; 1: Pending.
3
DMA_CH7_TC
Channel 7 Terminal Count. 0: Count not reached; 1: Count reached.
2
DMA_CH6_TC
Channel 6 Terminal Count. 0: Count not reached; 1: Count reached.
1
DMA_CH5_TC
Channel 5 Terminal Count. 0: Count not reached; 1: Count reached.
0
DMA_CH4_TC
Channel 4 Terminal Count. 0: Count not reached; 1: Count reached.
I/O Address
0D0h
Type
W
Reset Value
xxh
DMA_CH7:4_CMD Register Map
76543
210
DACK_SENSE DREQ_SENSE
WR_TIMING
PR_MODE
TM_MODE
DMA_DIS
RSVD
DMA_CH7:4_CMD Bit Descriptions
Bit
Name
Description
7
DACK_SENSE
DACK Sense. 0: Active low; 1: Active high.
6
DREQ_SENSE
DREQ Sense. 0: Active high; 1: Active low.
5
WR_TIMING
Write Timing. 0: Late write; 1: Extended write.
4
PR_MODE
Priority Mode. 0: Fixed priority; 1: Rotating priority.
3
TM_MODE
Timing Mode. 0: Normal timing; 1: Compressed timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com