Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 413 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 413 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 409Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 410Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 411Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 412Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 413Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 414Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 415Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 416Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 417Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 555 page
background image
Revision 0.8
413
www.national.com
DMA Register Descriptions (Continued)
5.13.2.16 Master DMA Channel [7:4] Mode (DMA_CH7:4_MODE)
5.13.2.17 Master DMA Channel [7:4] Clear Byte Pointer (DMA_CH7:4_CLR_PNTR)
I/O Address
0D6h
Type
WO
Reset Value
xxh
DMA_CH7:4_MODE Register Map
76543
210
TRANS_MODE
ADDR_DIR
AUTO_INIT
TRANS_TYPE
DMA_CH_SEL
DMA_CH7:4_MODE Bit Descriptions
Bit
Name
Description
7:6
TRANS_MODE
Data Transfer Mode.
00: Demand.
10: Block.
01: Single.
11: Cascade.
5
ADDR_DIR
Address Direction. 0: Increment; 1: Decrement.
5
AUTO_INIT
Auto-Initialization Enable. 0: Disabled; 1: Enabled.
3:2
TRANS_TYPE
Transfer Type.
00: Verify.
10: Memory read.
01: Memory write.
11: Reserved
1:0
DMA_CH_SEL
DMA Channel Select.
00: Channel 4.
10: Channel 6.
01: Channel 5.
11: Channel 7.
I/O Address
0D8h
Type
WO
Reset Value
xxh
DMA_CH7:4_CLR_PNTR Register Map
76543
210
CLR_PNTR (DUMMY_VAL)
DMA_CH7:4_CLR_PNTR Bit Descriptions
Bit
Name
Description
7:0
CLR_PNTR
Clear Pointer. A write with any data (dummy value) resets high/low byte pointer for
Channels [7:4] memory address and terminal count registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com