Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 414 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 414 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 410Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 411Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 412Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 413Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 414Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 415Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 416Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 417Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 418Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 414 / 555 page
background image
www.national.com
414
Revision 0.8
DMA Register Descriptions (Continued)
5.13.2.18 Master DMA Channel [7:4] Master Clear (DMA_CH7:4_MSTR_CLR)
5.13.2.19 Master DMA Channel [7:4] Clear Mask (DMA_CH7:4_CLR_MSK)
5.13.2.20 Master DMA Channel [7:4] Write Mask (DMA_CH7:4_WR_MSK)
I/O Address Offset
0DAh
Type
WO
Reset Value
xxh
DMA_CH7:4_MSTR_CLR Register Descriptions
76543
210
MSTR_CLR (DUMMY_VAL)
DMA_CH7:4_MSTR_CLR Bit Descriptions
Bit
Name
Description
7:0
MSTR_CLR
Master Clear. A write with any data (dummy value) resets the 8237 DMA controller for
Channels [7:4].
I/O Address Offset
0DCh
Type
WO
Reset Value
xxh
DMA Clear Mask Register for Channels 7:4
76543
210
CLR_MSK (DUMMY_VAL)
DMA_CH7:4_CLR_MSK Bit Descriptions
Bit
Name
Description
7:0
CLR_MSK
Clear Mask. A write with any data (dummy value) clears the mask bits for Channels
[7:4].
I/O Address
0DEh
Type
WO
Reset Value
0Fh
DMA_CH7:4_WR_MSK Register Map
76543
210
RSVD
CH7_MASK
CH6_MASK
CH5_MASK
CH4_MASK
DMA_CH7:4_WR_MSK Bit Descriptions
Bit
Name
Description
7:4
RSVD
Reserved. Write value is don’t care.
3
CH7_MASK
Channel 7 Mask Value. 0: Not masked; 1: Masked.
2
CH6_MASK
Channel 6 Mask Value. 0: Not masked; 1: Masked.
1
CH5_MASK
Channel 5 Mask Value. 0: Not masked; 1: Masked.
0
CH4_MASK
Channel 4 Mask Value. 0: Not masked; 1: Masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com