Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 417 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 417 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 413Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 414Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 415Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 416Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 417Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 418Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 419Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 420Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 421Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 555 page
background image
Revision 0.8
417
www.national.com
DMA Register Descriptions (Continued)
5.13.2.24 DMA Channel [7:0] High Page (DMA_CH[x]_HI_PAGE)
DMA Channel 2 High Page (DMA_CH2_HI_PAGE)
This register is also cleared on any access to I/O Port 81h.
DMA Channel 3 High Page (DMA_CH3_HI_PAGE)
This register is also cleared on any access to I/O Port 82h.
DMA Channel 1 High Page (DMA_CH1_HI_PAGE)
This register is also cleared on any access to I/O Port 83h.
DMA Channel 0 High Page (DMA_CH0_HI_PAGE)
This register is also cleared on any access to I/O Port 87h.
DMA Channel 6 High Page (DMA_CH6_HI_PAGE)
This register is also cleared on any access to I/O Port 89h.
DMA Channel 7 High Page (DMA_CH7_HI_PAGE)
This register is also cleared on any access to I/O Port 8Ah.
DMA Channel 5 High Page (DMA_CH5_HI_PAGE)
This register is also cleared on any access to I/O Port 8Bh.
DMA Channel 4 High Page (DMA_CH4_HI_PAGE)
This register is also cleared on any access to I/O Port 8Fh.
I/O Address
481h
Type
R/W
Reset Value
00h
I/O Address
482h
Type
R/W
Reset Value
00h
I/O Address
483h
Type
R/W
Reset Value
00h
I/O Address
487h
Type
R/W
Reset Value
00h
I/O Address
489h
Type
R/W
Reset Value
00h
I/O Address Offset
48Ah
Type
R/W
Reset Value
00h
I/O Address
48Bh
Type
R/W
Reset Value
00h
I/O Address
48Fh
Type
R/W
Reset Value
00h
DMA_CH[x]_HI_PAGE Register Map
76543
210
DMA_CH_HI_PAGE
DMA_CH[x]_HI_PAGE Bit Descriptions
Bit
Name
Description
7:0
DMA_CH_HI_PAGE
DMA Channel High Page Value. Address bits [31:24].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com