Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 427 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 427 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 423Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 424Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 425Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 426Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 427Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 428Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 429Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 430Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 431Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 555 page
background image
Revision 0.8
427
www.national.com
RTC Register Descriptions (Continued)
5.15.2.10 Year (RTC_YEAR)
5.15.2.11 RTC Control Register A (RTC_CRA)
This register controls test selection among other functions. This register cannot be written before reading bit 7 of RTC_CRD
(VRT bit).
I/O Address
09h
Type
R/W
Reset Value
00h
RTC_YR Register Map
76543
210
YR_DATA
RTC_YR Bit Descriptions
Bit
Name
Description
7:0
YR_DATA
Year Data. This register holds the two least significant digits of a four-digit year. For
example, if the year is 2007, this register would contain the equivalent of ‘07’. Values
may be 00 to 99 in BCD format or 00 to 63 in binary format. Reset by VPP power-up.
I/O Address
0Ah
Type
R/W
Reset Value
20h
RTC_CRA Register Map
76543
210
UIP
DIV_CHN_CTL
PIR_SEL
RTC_CRA Bit Descriptions
Bit
Name
Description
7
UIP (RO)
Update in Progress (Read Only). This RO bit is not affected by reset. This bit reads 0
when bit 7 of RTC_CRB is 1.
0: Timing registers not updated within 244 µs.
1: Timing registers updated within 244 µs.
6:4
DIV_CHN_CTL
Divider Chain Control. These R/W bits control the configuration of the divider chain for
timing generation and register bank selection. They are cleared to 010 as long as bit 7
of RTC_CRD (VRT bit) is 0.
00x: Oscillator Disabled.
10x: Test.
010: Normal Operation.
11x: Divider Chain Reset.
011: Test.
3:0
PIR_SEL
Periodic Interrupt Rate Select: These R/W bits select one of fifteen output taps from
the clock divider chain to control the rate of the periodic interrupt. They are cleared to
000 as long as bit 7 of RTC_CRD (VRT bit) is 0.
0000:
No interrupts
1000:
3.906250 ms
0001:
3.906250 ms
1001:
7.812500 ms
0010:
7.812500 ms
1010:
15.625000 ms
0011:
0.122070 ms
1011:
31.250000 ms
0100:
0.244141 ms
1100:
62.500000 ms
0101:
0.488281 ms
1101:
125.000000 ms
0110:
0.976562 ms
1110:
250.000000 ms
0111:
1.953125 ms
1111:
500.000000 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com