Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 431 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 431 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 427Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 428Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 429Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 430Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 431Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 432Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 433Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 434Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 435Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 555 page
background image
Revision 0.8
431
www.national.com
RTC Register Descriptions (Continued)
5.15.2.17 Century (RTC_CEN)
I/O Address
Programmable
Type
R/W
Reset Value
00h
RTC_CEN Register Map
76543
210
CEN_DATA
RTC_CEN Bit Descriptions
Bit
Name
Description
7:0
CEN_DATA
Century Data. This register holds the two most significant digits of a four-digit year. For
example, if the year is 2008, this register would contain the equivalent of ‘20’. Values
may be 00 to 99 in BCD format or 00 to 63 in binary format. Reset by VPP power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com