Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 429 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 429 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 425Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 426Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 427Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 428Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 429Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 430Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 431Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 432Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 433Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 429 / 555 page
background image
Revision 0.8
429
www.national.com
RTC Register Descriptions (Continued)
5.15.2.13 RTC Control Register C (RTC_CRC)
5.15.2.14 RTC Control Register D (RTC_CRD)
I/O Address
0Ch
Type
RO
Reset Value
00h
RTC_CRC Register Map
76543
210
IRQF
PF
AF
UF
RSVD
RTC_CRC Bit Descriptions
Bit
Name
Description
7IRQF (RO)
IRQ Flag (Read Only). This RO bit mirrors the value on the interrupt output signal.
When interrupt is active, IRQF is 1. Reading this register clears this bit (and deactivates
the interrupt pin) and clears the flag bits UF, AF, and PF.
0: IRQ inactive.
1: Logic equation is true: ((UIE and UF) or (AIE and AF) or (PIE and PF)).
6PF (RO)
Periodic Interrupts Flag (Read Only). This RO bit is cleared to 0 on an RTC reset
(i.e., hardware reset) or when the RTC is disabled. In addition, this bit is cleared to 0
when this register is read.
0: No transition occurred on the selected tap since the last read.
1: Transition occurred on the selected tap of the divider chain.
5AF (RO)
Alarm Interrupt Flag (Read Only). This RO bit is cleared to 0 as long as bit 7 of
RTC_CRD (VRT bit) is 0. In addition, this bit is cleared to 0 when this register is read.
0: No alarm detected since the last read.
1: Alarm condition detected.
4UF (RO)
Update Ended Interrupts Flag (Read Only). This RO bit is cleared to 0 on an RTC
reset (i.e., hardware reset) or when the RTC is disabled. In addition, this bit is cleared
to 0 when this register is read.
0: No update occurred since the last read.
1: Time registers updated.
3
RSVD (RO)
Reserved (Read Only). Reads as 0.
I/O Address
0Dh
Type
RO
Reset Value
00h
RTC_CRD Register Map
76543
210
VRT
RSVD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com