Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 432 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 432 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 428Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 429Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 430Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 431Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 432Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 433Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 434Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 435Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 436Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 432 / 555 page
background image
www.national.com
432
Revision 0.8
5.16 GPIO SUBSYSTEM REGISTER DESCRIPTIONS
The registers for the General Purpose Input Output (GPIO)
are divided into two sets:
• Standard GeodeLink Device MSRs (Shared with DIVIL,
see Section 5.6.1 on page 299.)
• GPIO Native Registers
The MSRs are accessed via the RDMSR and WRMSR pro-
cessor instructions. The MSR address is derived from the
perspective of the CPU Core. See Section 3.2 "CS5535
MSR Addressing" on page 53 for more details on MSR
addressing.
The GPIO Native registers are accessed via a Base
Address Register, MSR_LBAR_GPIO (MSR 5140000Ch),
as I/O Offsets. (See Section 5.6.2.5 on page 310 for bit
descriptions of the Base Address Register.)
The Native registers associated with GPIO configuration
are broadly divided into three categories:
1)
GPIO Low/High Bank Feature Bit Registers.
These registers (summarized in Table 5-57) control
basic GPIO features. The Feature Bit registers use the
atomic programming model except where noted. See
Section 5.16.1 "Atomic Bit Programming Model" on
page 436 for details.
2)
Input Conditioning Function Registers.
These registers (summarized in Table 5-58 on page
434) are associated with the eight digital filter/event
counter pairs that can be shared with the 32 GPIOs.
These registers are not based on the atomic bit pro-
gramming model.
3)
GPIO Interrupt and PME Mapper Registers.
These registers (summarized in Table 5-59 on page
435) are used for mapping any GPIO to one of the
eight PIC-level interrupts or to one of the eight PME
(Power Management Event) inputs.
The reference column in the summary tables point to the
page where the detailed register maps and bit descriptions
are listed. The Low Bank refers to GPIO[15:0] while the
High Bank refers to GPIO[31:16].
Note:
All register bits dealing with GPIO31, GPIO30,
GPIO29 and GPIO23 are reserved.
Table 5-57. GPIO Low/High Bank Feature Bit Registers Summary
GPIO I/O
Offset
Type
Width
(Bits)
Register Name
Reset
Value
Reference
GPIO Low Bank Feature Bit Registers
00h
R/W
32
GPIO Low Bank Output Value (GPIOL_OUT_VAL)
FFFF0000h
Page 438
04h
R/W
32
GPIO Low Bank Output Enable (GPIOL_OUT_EN)
FFFF0000h
Page 438
08h
R/W
32
GPIO Low Bank Output Open-Drain Enable
(GPIOL_OUT_OD_EN)
FFFF0000h
Page 439
0Ch
R/W
32
GPIO Low Bank Output Invert Enable
(GPIOL_OUT_INVRT_EN)
FFFF0000h
Page 439
10h
R/W
32
GPIO Low Bank Output Auxiliary 1 Select
(GPIOL_OUT_AUX1_SEL)
FFFF0000h
Page 440
14h
R/W
32
GPIO Low Bank Output Auxiliary 2 Select
(GPIOL_OUT_AUX2_SEL)
FFFF0000h
Page 441
18h
R/W
32
GPIO Low Bank Pull-Up Enable (GPIOL_PU_EN)
1000EFFFh
Page 442
1Ch
R/W
32
GPIO Low Bank Pull-Down Enable (GPIOL_PD_EN)
EFFF1000h
Page 442
20h
R/W
32
GPIO Low Bank Input Enable (GPIOL_IN_EN)
FFFF0000h
Page 443
24h
R/W
32
GPIO Low Bank Input Invert Enable
(GPIOL_IN_INVRT_EN)
FFFF0000h
Page 443
28h
R/W
32
GPIO Low Bank Input Filter Enable
(GPIOL_IN_FLTR_EN)
FFFF0000h
Page 444
2Ch
R/W
32
GPIO Low Bank Input Event Count Enable
(GPIOL_IN_EVNTCNT_EN)
FFFF0000h
Page 445
30h
(Note 1)
RO
32
GPIO Low Bank Read Back (GPIOL_READ_BACK)
00000000h
Page 450
34h
R/W
32
GPIO Low Bank Input Auxiliary 1 Select
(GPIOL_IN_AUX1_SEL)
FFFF0000h
Page 446
38h
R/W
32
GPIO Low Bank Events Enable (GPIOL_EVNT_EN)
FFFF0000h
Page 446



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com