| Electronic Components Datasheet Search |
|
CS5535-UDC Datasheet(PDF) 436 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS5535-UDC Datasheet(HTML) 436 Page - National Semiconductor (TI) |
|
436 / 555 page ![]() www.national.com 436 Revision 0.8 GPIO Subsystem Register Descriptions (Continued) 5.16.1 Atomic Bit Programming Model The registers in Section 5.16.2 "GPIO Low/High Bank Feature Bit Registers", starting on page 438, that are referred to as “atomic” all follow the same programming model (i.e., work exactly the same way) but each controls a different GPIO fea- ture. Two data bits are used to control each GPIO Feature bit, each pair of bits operate in an exclusive-OR pattern. Refer to Section 4.15.2 "Register Strategy" on page 148 for further details. The Low Bank registers control programming of GPIO15 through GPIO0 and the High Bank registers program GPIO31 through GPIO16. The tables that follow provide the register/bit formats for the Low and High Bank GPIO feature configura- tion registers. Note: All register bits dealing with GPIO31, GPIO30, GPIO29 and GPIO23 are Reserved . Table 5-60. Low Bank Atomic Register Map 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 98 7654321 0 Table 5-61. Low Bank Atomic Bit Descriptions Bit Name Description 31,15 GPIO15 GPIO15 Feature. 00: No change. 01: Feature bit = 1. 10: Feature bit = 0. 11: No change. 30,14 GPIO14 GPIO14 Feature. See bits [31,15] for decode. 29,13 GPIO13 GPIO13 Feature. See bits [31,15] for decode. 28,12 GPIO12 GPIO12 Feature. See bits [31,15] for decode. 27,11 GPIO11 GPIO11 Feature. See bits [31,15] for decode. 26,10 GPIO10 GPIO10 Feature. See bits [31,15] for decode. 25,9 GPIO9 GPIO9 Feature. See bits [31,15] for decode. 24,8 GPIO8 GPIO8 Feature. See bits [31,15] for decode. 23,7 GPIO7 GPIO7 Feature. See bits [31,15] for decode. 22,6 GPIO6 GPIO6 Feature. See bits [31,15] for decode. 21,5 GPIO5 GPIO5 Feature. See bits [31,15] for decode. 20,4 GPIO4 GPIO4 Feature. See bits [31,15] for decode. 19,3 GPIO3 GPIO3 Feature. See bits [31,15] for decode. 18,2 GPIO2 GPIO2 Feature. See bits [31,15] for decode. 17,1 GPIO1 GPIO1 Feature. See bits [31,15] for decode. 16,0 GPIO0 GPIO0 Feature. See bits [31,15] for decode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |