Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 438 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 438 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 434Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 435Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 436Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 437Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 438Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 439Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 440Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 441Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 442Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 555 page
background image
www.national.com
438
Revision 0.8
GPIO Subsystem Register Descriptions (Continued)
5.16.2 GPIO Low/High Bank Feature Bit Registers
5.16.2.1
GPIO Output Value (GPIO[x]_OUT_VAL)
These registers control the output value for the low (GPIO[15:0]) and high (GPIO[31:16]) banks of GPIOs. If the feature bit
is high, the output value = 1. If the feature bit is low, the output value = 0. The reset value forces all the output values to be
initially set to 0. (These registers use atomic programming, see Section 5.16.1 on page 436 for details.)
If OUT_AUX1 (GPIO I/O Offset 10h/90h) and/or OUT_AUX2 (GPIO I/O Offset 14h/94h) are selected, then their value over-
rides the OUT_VAL settings. See Table 2-8 "GPIO Options" on page 42 for AUX programming details.
GPIO Low Bank Output Value (GPIOL_OUT_VAL)
GPIO High Bank Output Value (GPIOH_OUT_VAL)
5.16.2.2
GPIO Output Enable (GPIO[x]_OUT_EN)
These registers control the output enable for the low (GPIO[15:0]) and high (GPIO[31:16]) banks of GPIOs. If the feature bit
high, the output is enabled. If the feature bit is low, the output is disabled. The reset value forces all the outputs to be dis-
abled. (These registers use atomic programming, see Section 5.16.1 on page 436 for details.)
GPIO Low Bank Output Enable (GPIOL_OUT_EN)
GPIO High Bank Output Enable (GPIOH_OUT_EN)
GPIO I/O Offset
00h
Type
R/W
Reset Value
FFFF0000h
GPIO I/O Offset
80h
Type
R/W
Reset Value
FFFF0000h
GPIOL_OUT_VAL Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
GPIOH_OUT_VAL Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
GPIO I/O Offset
04h
Type
R/W
Reset Value
FFFF0000h
GPIO I/O Offset
84h
Type
R/W
Reset Value
FFFF0000h
GPIOL_OUT_EN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
GPIOH_OUT_EN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com