Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 441 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 441 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 437Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 438Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 439Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 440Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 441Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 442Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 443Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 444Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 445Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 441 / 555 page
background image
Revision 0.8
441
www.national.com
GPIO Subsystem Register Descriptions (Continued)
5.16.2.6
GPIO Output Auxiliary 2 Select (GPIO[x]_OUT_AUX2_SEL)
These registers select the Auxiliary 2 output of the low (GPIO[15:0]) and high (GPIO[31:16]) banks of GPIOs. Auxiliary 2 is
selected as the output if the feature bit is high. Auxiliary 2 is not selected as the output if the feature bit is low. (These regis-
ters use atomic programming, see Section 5.16.1 on page 436 for details.)
If OUT_AUX1 and/or OUT_AUX2 are selected, then their value overrides the OUT_VAL (GPIO I/O Offset 00h/80h) settings.
See Table 2-8 "GPIO Options" on page 42 for AUX programming details.
GPIO Low Bank Output Auxiliary 2 Select
(GPIOL_OUT_AUX2_SEL)
GPIO High Bank Output Auxiliary 2 Select
(GPIOH_OUT_AUX2_SEL)
GPIO I/O Offset
14h
Type
R/W
Reset Value
FFFF0000h
GPIO I/O Offset
94h
Type
R/W
Reset Value
FFFF0000h
GPIOL_OUT_AUX2_SEL Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
GPIOH_OUT_AUX2_SEL Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com