Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 443 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 443 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 439Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 440Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 441Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 442Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 443Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 444Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 445Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 446Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 447Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 555 page
background image
Revision 0.8
443
www.national.com
GPIO Subsystem Register Descriptions (Continued)
5.16.2.9
GPIO Input Enable (GPIO[x]_IN_EN)
These registers control the input enable for the low (GPIO[15:0]) and high (GPIO[31:16]) banks of GPIOs. If the feature bit
is high, the input is enabled. If the feature bit is low, the input is disabled.The reset value forces all the inputs to be disabled.
(These registers use atomic programming, see Section 5.16.1 on page 436 for details.)
GPIO Low Bank Input Enable (GPIOL_IN_EN)
GPIO High Bank Input Enable (GPIOH_IN_EN)
5.16.2.10 GPIO Input Invert Enable (GPIO[x]_IN_INVRT_EN)
These registers control the input invert enable for the low (GPIO[15:0]) and high (GPIO[31:16]) banks of GPIOs. The input
is inverted if the feature bit is high. The input is not inverted if the feature bit is low. (These registers use atomic program-
ming, see Section 5.16.1 on page 436 for details.)
GPIO Low Bank Input Invert Enable
(GPIOL_IN_INVRT_EN)
GPIO High Bank Input Invert Enable
(GPIOH_IN_INV_EN)
GPIO I/O Offset
20h
Type
R/W
Reset Value
FFFF0000h
GPIO I/O Offset
A0h
Type
R/W
Reset Value
EFFF1000h
GPIOL_IN_EN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
GPIOH_IN_EN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
GPIO I/O Offset
24h
Type
R/W
Reset Value
FFFF0000h
GPIO I/O Offset
A4h
Type
R/W
Reset Value
FFFF0000h
GPIOL_IN_INVRT_EN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
GPIOH_IN_INVRT_EN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com