Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 444 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 444 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 440Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 441Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 442Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 443Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 444Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 445Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 446Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 447Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 448Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 555 page
background image
www.national.com
444
Revision 0.8
GPIO Subsystem Register Descriptions (Continued)
5.16.2.11 GPIO Input Filter Enable (GPIO[x]_IN_FLTR_EN)
These registers control the input filter function enable for the low (GPIO[15:0]) and high (GPIO[31:16]) banks of GPIOs. If
the feature bit is high, the filter function is enabled. If the feature bit is low, the filter function is disabled.The reset value
forces all the filter functions to be disabled. (These registers use atomic programming, see Section 5.16.1 on page 436 for
details.)
GPIO Low Bank Input Filter Enable
(GPIOL_IN_FLTR_EN)
GPIO High Bank Input Filter Enable
(GPIOH_IN_FLTER_EN)
GPIO I/O Offset
28h
Type
R/W
Reset Value
FFFF0000h
GPIO I/O Offset
A8h
Type
R/W
Reset Value
FFFF0000h
GPIOL_IN_FLTR_EN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
GPIOH_IN_FLTR_EN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com