Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 447 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 447 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 443Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 444Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 445Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 446Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 447Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 448Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 449Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 450Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 451Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 447 / 555 page
background image
Revision 0.8
447
www.national.com
GPIO Subsystem Register Descriptions (Continued)
5.16.2.15 GPIO Input Positive Edge Enable (GPIO[x]_IN_POSEDGE_EN)
These registers control the enabling of the positive edge detector function for the low (GPIO[15:0]) and high (GPIO[31:16])
banks of GPIOs. The positive edge detector function is enabled if the feature bit is high. The positive edge detector function
is disabled if the feature bit is low. (These registers use atomic programming, see Section 5.16.1 on page 436 for details.)
GPIO Low Bank Input Positive Edge Enable
(GPIOL_IN_POSEDGE_EN)
GPIO High Bank Input Positive Edge Enable
(GPIOH_IN_POSEDGE_EN)
5.16.2.16 GPIO Input Negative Edge Enable (GPIO[x]_IN_NEGEDGE_EN)
These registers control the enabling of the negative edge detector function in the inputs for the low (GPIO[15:0]) and high
(GPIO[31:16]) banks of GPIOs. The negative edge detector function is enabled if the feature bit is high. The negative edge
detector function is disabled if the feature bit is low. (These registers use atomic programming, see Section 5.16.1 on page
436 for details.)
GPIO Low Bank Input Negative Edge Enable
(GPIOL_IN_NEGEDGE_EN)
GPIO High Bank Input Negative Edge Enable
(GPIOH_IN_NEGEDGE_EN)
GPIO I/O Offset
40h
Type
R/W
Reset Value
FFFF0000h
GPIO I/O Offset
C0h
Type
R/W
Reset Value
FFFF0000h
GPIOL_IN_POSEDGE_EN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
GPIOH_IN_POSEDGE_EN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
GPIO I/O Offset
44h
Type
R/W
Reset Value
FFFF0000h
GPIO I/O Offset
C4h
Type
R/W
Reset Value
FFFF0000h
GPIOL_IN_NEGEDGE_EN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
GPIOH_IN_NEGEDGE_EN Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com