Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 434 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 434 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 430Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 431Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 432Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 433Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 434Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 435Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 436Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 437Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 438Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 555 page
background image
www.national.com
434
Revision 0.8
GPIO Subsystem Register Descriptions (Continued)
CCh
R/W
32
GPIO High Bank Input Negative Edge Status
(GPIOH_IN_NEGEDGE_STS)
FFFF0000h
Page 449
Note 1. The GPIO[x]_READ_BACK and GPIO[x]_LOCK_EN registers are not based on the atomic programming model
(i.e., only one bit for control as opposed to two bits). See Section 5.16.1 "Atomic Bit Programming Model" on page
436 for more information on atomic programming.
Table 5-58. GPIO Input Conditioning Function Registers Summary
GPIO I/O
Offset
Type
Width
(Bits)
Register Name
Reset
Value
Reference
50h
R/W
16
GPIO Filter 0 Amount (GPIO_FLTR0_AMNT)
0000h
Page 454
52h
R/W
16
GPIO Filter 0 Count (GPIO_FLTR0_CNT)
0000h
Page 455
54h
R/W
16
GPIO Event Counter 0 (GPIO_EVNTCNT0)
0000h
Page 456
56h
R/W
16
GPIO Event Counter 0 Compare Value
(GPIO_EVNTCNT0_COMP)
0000h
Page 457
58h
R/W
16
GPIO Filter 1 Amount (GPIO_FLTR1_AMNT)
0000h
Page 454
5Ah
R/W
16
GPIO Filter 1 Count (GPIO_FLTR1_CNT)
0000h
Page 455
5Ch
R/W
16
GPIO Event Counter 1 (GPIO_EVNTCNT1)
0000h
Page 456
5Eh
R/W
16
GPIO Event Counter 1 Compare Value
(GPIO_EVNTCNT1_COMP)
0000h
Page 457
60h
R/W
16
GPIO Filter 2 Amount (GPIO_FLTR2_AMNT)
0000h
Page 454
62h
R/W
16
GPIO Filter 2 Count (GPIO_FLTR2_CNT)
0000h
Page 455
64h
R/W
16
GPIO Event Counter 2 (GPIO_EVNTCNT2)
0000h
Page 456
66h
R/W
16
GPIO Event Counter 2 Compare Value
(GPIO_EVNTCNT2_COMP)
0000h
Page 457
68h
R/W
16
GPIO Filter 3 Amount (GPIO_FLTR3_AMNT)
0000h
Page 454
6Ah
R/W
16
GPIO Filter 3 Count (GPIO_FLTR3_CNT)
0000h
Page 455
6Ch
R/W
16
GPIO Event Counter 3 (GPIO_EVNTCNT3)
0000h
Page 456
6Eh
R/W
16
GPIO Event Counter 3 Compare Value
(GPIO_EVNTCNT3_COMP)
0000h
Page 457
70h
R/W
16
GPIO Filter 4 Amount (GPIO_FLTR4_AMNT)
0000h
Page 454
72h
R/W
16
GPIO Filter 4 Count (GPIO_FLTR4_CNT)
0000h
Page 455
74h
R/W
16
GPIO Event Counter 4 (GPIO_EVNTCNT4)
0000h
Page 456
76h
R/W
16
GPIO Event Counter 4 Compare Value
(GPIO_EVNTCNT4_COMP)
0000h
Page 457
78h
R/W
16
GPIO Filter 5 Amount (GPIO_FLTR5_AMNT)
0000h
Page 454
7Ah
R/W
16
GPIO Filter 5 Count (GPIO_FLTR5_CNT)
0000h
Page 455
7Ch
R/W
16
GPIO Event Counter 5 (GPIO_EVNTCNT5)
0000h
Page 456
7Eh
R/W
16
GPIO Event Counter 5 Compare Value
(GPIO_EVNTCNT5_COMP)
0000h
Page 457
D0h
R/W
16
GPIO Filter 6 Amount (GPIO_FLTR6_AMNT)
0000h
Page 454
D2h
R/W
16
GPIO Filter 6 Count (GPIO_FLTR6_CNT)
0000h
Page 455
Table 5-57. GPIO Low/High Bank Feature Bit Registers Summary (Continued)
GPIO I/O
Offset
Type
Width
(Bits)
Register Name
Reset
Value
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com