Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 502 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 502 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 498Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 499Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 500Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 501Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 502Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 503Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 504Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 505Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 506Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 502 / 555 page
background image
www.national.com
502
Revision 0.8
Flash Controller Register Descriptions (Continued)
5.19.1 Flash Controller Specific MSRs
5.19.1.1
NOR Flash Control (NORF_CTL)
Table 5-70. Flash Controller Native Registers Summary
Flash
Memory
Offset
Flash
I/O
Offset
Type
Width
(Bits)
Register Name
Reset
Value
Reference
000h-7FFh
00h-03h
R/W
8
NAND Device Data (NAND_DATA)
Undefined
Page 507
Any Even
Address
between
800h-80Eh
04h
R/W
8
NAND Control Register (NAND_CTL)
01h
Page 508
Any Odd
Address
between
801h-80Fh
05h
R/W
8
NAND I/O (NAND_IO)
00h
Page 508
810h
06h
R/W
8
NAND Status (NAND_STS)
0xh
Page 509
815h
08h
R/W
8
NAND ECC Control
(NAND_ECC_CTL)
04h
Page 509
811h
09h
R/W
8
ECC parity registers contain 22 parity
bits. The bit location and definition fol-
lows the SmartMedia Physical Format
Specifications.NAND ECC LSB Line
Parity (NAND_ECC_LSB)
FFh
Page 510
812h
0Ah
R/W
8
NAND ECC MSB Line Parity
(NAND_ECC_MSB)
FFh
Page 511
813h
0Bh
R/W
8
NAND ECC Column Parity
(NAND_ECC_COL)
FFh
Page 511
814h
0Ch
R/W
8
NAND Line Address Counter
(NAND_LAC)
00h
Page 511
816h-FFFh
07h,
0Dh-0Fh
---
---
Reserved. Reads return 0. Writes
have no effect.
---
---
MSR Address
51400018h
Type
R/W
Reset Value
00000000h
NORF_CTL Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
NORF_CTL Bit Descriptions
Bit
Name
Description
31:8
RSVD
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com