Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 505 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 505 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 501Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 502Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 503Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 504Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 505Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 506Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 507Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 508Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 509Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 505 / 555 page
background image
Revision 0.8
505
www.national.com
Flash Controller Register Descriptions (Continued)
NOR Flash Timing for Chip Selects 2 and 3 (NORTF_T23)
5.19.1.3
NAND Flash Data Timing MSR (NANDF_DATA)
Most NAND devices have similar timing. All NAND devices share the timing registers. The valid range for the count values
of setup time and hold time in NAND MSRs is 0 through 7 Local Bus clock (‘lb_c’) cycles or LPC clock (‘lpc_c’) cycles and
MSR Address
5140001Ah
Type
R/W
Reset Value
07770777h
NORTF_T23 Register Map
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9876543210
RSVD
tH3
tP3
tS3
RSVD
tH2
tP2
tS2
NORTF_T23 Bit Descriptions
Bit
Name
Description
31:27
RSVD
Reserved. Reads return value written.
26:24
tH3 (Note 1)
Note 1.
The valid range for the count values of setup time, and hold time in NOR MSR registers is 1 through 7 when a
General Purpose device is used (with NOR Controller). If signal FLASH_IOCHRDY is not used by the General Pur-
pose device, then the valid range for the count value of pulse width in NOR MSR registers is 1 through 7. If
FLASH_IOCHRDY is used by the General Purpose device, then the valid range for the count value of pulse width
in NOR MSR registers is 2 through 7. In the case of NOR devices, as NOR Controller doesn’t support the use of
FLASH_IOCHRDY (explained in Section 4.18.2 "NOR Flash Controller/General Purpose Chip Select" on page
171),the valid range for the count values of setup time, pulse width, and hold time in NOR MSR registers is 1
through 7.In the case of NOR Controller’s WE# and RE# strobe pulse widths, if NOR Control MSR register bits[7:4]
(CHKRDY[3:0]) are enabled (active high) in the case of General Purpose devices then the generated pulse widths
will be longer than programmed count value. If setup or hold time in NOR MSR registers is programmed as 0, then
the NOR Controller’s WE# and RE# generation will use 16 as the count value of NOR setup or hold time.
Hold Time for NOR Chip Select 3. Hold from WE# or RE# rising edge to chip select.
Refer to Figure 4-58 "NOR Flash with Wait States Timing" on page 173.
23
RSVD
Reserved. Reads return value written.
22:20
tP3
Strobe Pulse Width for NOR Chip Select 3. RE# and WE# strobe pulse width. At the
end of the tP, sample the FLASH_ IOCHRDY signal to see if a wait state is needed.
Refer to Figure 4-58 "NOR Flash with Wait States Timing" on page 173.
19
RSVD
Reserved. Reads return value written.
18:16
tS3 (Note 1)
Setup Time for NOR Chip Select 3. Chip select to WE# or RE# falling edge setup
time. Refer to Figure 4-58 "NOR Flash with Wait States Timing" on page 173.
15:11
RSVD
Reserved. Reads return value written.
10:8
tH2 (Note 1)
Hold Time for NOR Chip Select 2. Hold from WE# or RE# rising edge to chip select.
Refer to Figure 4-58.
7
RSVD
Reserved. Reads return value written.
6:4
tP2
Strobe Pulse Width for NOR Chip Select 2. RE# and WE# strobe pulse width. At the
end of the tP, sample the FLASH_IOCHRDY signal to see if a wait state is needed.
Refer to Figure 4-58 "NOR Flash with Wait States Timing" on page 173.
3
RSVD
Reserved. Reads return value written.
2:0
tS2 (Note 1)
Setup Time for NOR Chip Select 2. Chip select to WE# or RE# falling edge setup
time. Refer to Figure 4-58 "NOR Flash with Wait States Timing" on page 173.
MSR Address
5140001Bh
Type
R/W
Reset Value
07770777h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com