Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 503 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 503 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 499Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 500Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 501Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 502Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 503Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 504Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 505Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 506Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 507Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 503 / 555 page
background image
Revision 0.8
503
www.national.com
Flash Controller Register Descriptions (Continued)
7
CHK_IOCHRDY3
(Note 1)
Check I/O Channel Ready 3. Check FLASH_IOCHRDY signal for NOR Chip Select #3
(FLASH_CS3#)
0: Ignore IOCHRDY signal. No wait states will be inserted.
1: Check IOCHRDY before finishing the chip select strobe pulse.
6
CHK_IOCHRDY2
(Note 1)
Check I/O Channel Ready 2. Check FLASH_IOCHRDY signal for NOR Chip Select #2
(FLASH_CS2#)
0: Ignore IOCHRDY signal. No wait states will be inserted.
1: Check IOCHRDY before finishing the chip select strobe pulse.
5
CHK_IOCHRDY1
(Note 1)
Check I/O Channel Ready 1. Check FLASH_IOCHRDY signal for NOR Chip Select #1
(FLASH_CS1#)
0: Ignore IOCHRDY signal. No wait states will be inserted.
1: Check IOCHRDY before finishing the chip select strobe pulse.
4
CHK_IOCHRDY0
(Note 1)
Check I/O Channel Ready 0. Check FLASH_IOCHRDY signal for NOR Chip Select #0
(FLASH_CS0#)
0: Ignore IOCHRDY signal. No wait states will be inserted.
1: Check IOCHRDY before finishing the chip select strobe pulse.
3WE_CS3
Write Enable for CS3#. Write Enable for NOR Chip Select #3 (FLASH_CS3#)
0: No write cycles go out to NOR Flash interface via CS3#.
1: Allow write cycles to go out to NOR Flash interface.
2WE_CS2
Write Enable for CS2#. Write Enable for NOR Chip Select #2 (FLASH_CS2#)
0: No write cycles go out to NOR Flash interface via CS2#.
1: Allow write cycles to go out to NOR Flash interface.
1WE_CS1
Write Enable for CS1#. Write Enable for NOR Chip Select #1 (FLASH_CS1#)
0: No write cycles go out to NOR Flash interface via CS1#.
1: Allow write cycles to go out to NOR Flash interface.
0WE_CS0
Write Enable for CS0#. Write Enable for NOR Chip Select #0 (FLASH_CS0#)
0: No write cycles go out to NOR Flash interface via CS0#.
1: Allow write cycles to go out to NOR Flash interface.
Note 1. If any CHK_IOCHRDY[x] bit (bits [7:4]) is high, and the corresponding Chip Select (FLASH_CS[x]#) is low, then
signal FLASH_IOCHRDY is checked to determine when to de-assert the RE# or WE# strobe. The RE# or WE#
strobe pulse width will be the programmed value (MSR_NORTF_T01[22:20], MSR_NORTF_T01[6:4],
MSR_NORTF_T23[22:20] and MSR_NORTF_T23[6:4]
) increased by at least two local bus clock (33 MHz) cycles.
If no CHK_IOCHRDY[x] bit (bits [7:4]) is high, or if no CHK_IORDY[x] bit is high that has a corresponding active
(low) Chip Select (FLASH_CS[x]#), then signal FLASH_IOCHRDY is ignored and the NOR Controller’s WE# and
RE# strobe pulse widths will be the values programmed in the NOR MSR registers (MSR_NORTF_T01[22:20],
MSR_NORTF_T01[6:4], MSR_NORTF_T23[22:20] and MSR_NORTF_T23[6:4]
). In this case, if the pulse width of
WE# and RE# in the NOR MSR registers is programmed as 0, then the NOR Controller’s WE# and RE# generation
will use 16 as the count value of NOR pulse width.
NORF_CTL Bit Descriptions
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com