Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 511 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 511 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 507Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 508Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 509Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 510Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 511Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 512Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 513Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 514Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 515Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 511 / 555 page
background image
Revision 0.8
511
www.national.com
Flash Controller Register Descriptions (Continued)
NAND ECC MSB Line Parity (NAND_ECC_MSB)
NAND ECC Column Parity (NAND_ECC_COL)
5.19.2.7
NAND Line Address Counter (NAND_LAC)
Flash Memory Offset 812h
Flash I/O Offset
0Ah
Type
R/W
Reset Value
FFh
NAND_ECC_MSB Register Map
76543
210
LP[15:8]
NAND_ECC_MSB Bit Descriptions
Bit
Name
Description
7:0
LP[15:8]
Line Parity Bits 15 through 8.
Flash Memory Offset 813h
Flash I/O Offset
0Bh
Type
R/W
Reset Value
FFh
NAND_ECC_COL Register Map
76543
210
CP[5:0]
RSVD
NAND_ECC_COL Bit Descriptions
Bit
Name
Description
7:2
CP[5:0]
Column Parity Bits 5 through 0.
1:0
RSVD (RO)
Reserved. Always returns 11 for odd ECC parity and 00 for even ECC parity.
Flash Memory Offset 814h
Flash I/O Offset
0Ch
Type
R/W
Reset Value
00h
NAND_LAC Register Map
76543
210
LAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com