Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 515 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 515 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 511Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 512Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 513Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 514Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 515Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 516Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 517Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 518Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 519Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 515 / 555 page
background image
Revision 0.8
515
www.national.com
GLCP Register Descriptions (Continued)
5.20.1.3
GeodeLink Device SMI MSR (GLCP_GLD_MSR_SMI)
The flags are set by internal conditions. The internal conditions are enabled if the EN bit is 0. Reading the FLAG bit returns
the value; writing 1 clears the flag; writing 0 has no effect. (See Section 3.8.3 "MSR Address 2: SMI Control" on page 67 for
further SMI/ASMI generation details.)
5.20.1.4
GeodeLink Device Error MSR (GLCP_GLD_MSR_ERROR)
The flags are set by internal conditions. The internal conditions are enabled if the EN bit is 0. Reading the FLAG bit returns
the value; writing 1 clears the flag; writing 0 has no effect. (See Section 3.8.4 "MSR Address 3: Error Control" on page 71
for further ERR generation details.)
MSR Address
51700002h
Type
R/W
Reset Value
00000000_00000003h
GLCP_GLD_MSR_SMI Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
RSVD
GLCP_GLD_MSR_SMI Bit Descriptions
Bit
Name
Description
63:18
RSVD
Reserved. Reads as 0.
17
DBG_ASMI_
FLAG
Debug ASMI Flag. If high, records that an ASMI was generated and applied to the sys-
tem, due to a debug event. Write 1 to clear; writing 0 has no effect. DBG_ASMI_EN (bit
1) must be low to enable this flag.
16
ERR_ASMI_FLAG
Error ASMI Flag. If high, records that an ASMI was generated and applied to the sys-
tem due to ERR signal. Write 1 to clear; writing 0 has no effect. ERR_ASMI_EN (bit 0)
must be low to enable this flag.
15:2
RSVD
Reserved. Reads as 0.
1
DBG_ASMI_EN
Debug ASMI Enable. Write 0 to enable DBG_ASMI_FLAG (bit 17). Write 1 to disable
the flag and ASMI generation.
0
ERR_ASMI_EN
Error ASMI Enable. Write 0 to enable ERR_ASMI_FLAG (bit 16). Write 1 to disable
the flag and ASMI generation
MSR Address
51700003h
Type
R/W
Reset Value
00000000_00000000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com