Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 518 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 518 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 514Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 515Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 516Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 517Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 518Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 519Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 520Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 521Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 522Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 518 / 555 page
background image
www.national.com
518
Revision 0.8
GLCP Register Descriptions (Continued)
5.20.2 GLCP Specific MSRs
These registers are used for power management, and facilitate some clock and reset functions. The “CLK” associated reg-
isters (i.e., CLKACTIVE, CLKOFF, CLKDISABLE, CLK4ACK and PMCLKDISABLE) have the same layout where each bit is
associated with a clock domain. The layout and recommended operating values for the “CLK” associated registers is shown
in Table 5-73. For additional discussion on clock management considerations, see Section 3.5 "Clock Considerations" on
page 57.
Table 5-73. Clock Mapping / Operational Settings
MSR Bit
Name/Description
GLCP Register
CLK
ACTIVE
CLK
OFF
CLK
DISABLE
CLK
4ACK
PM
CLK
DISABLE
CLK[63:34] RSVD. Reserved for future use by National.
RO
0000
CLK33
GLCP_PCI. GLCP PCI Clock.
RO
0000
CLK32
GLCP_DBG. GLCP DBG Logic Clock.
RO
0000
CLK31
GLCP_GLIU. GLCP GeodeLink Clock.
RO
0000
CLK30
DIVIL_MFGPT_32K_STD. MFGPT 32 kHz Standby Clock entering
DIVIL.
RO
0000
CLK29
DIVIL_MFGPT_14M. MFGPT 14 MHz Clock entering DIVIL.
RO
0000
CLK28
DIVIL_MFGPT_32K. MFGPT 32 kHz Clock entering DIVIL.
RO
0000
CLk27
DIVIL_GPIO_STD. GPIO Standby Clock entering DIVIL.
RO
0000
CLK26
DIVIL_GPIO. GPIO Clock entering DIVIL.
RO
0000
CLK25
DIVIL_PMC_STD. PMC Standby Clock.
RO
0000
CLK24
DIVIL_PMC. PMC Working Logic Clock.
RO
0000
CLK23
DIVIL_UART2. UART2 Clock entering DIVIL.
RO
0010
CLK22
DIVIL_UART1. UART1 Clock entering DIVIL.
RO
0010
CLK21
DIVIL_PIT. PIT Clock entering DIVIL.
RO
0000
CLK20
DIVIL_SMB. SMB Clock entering DIVIL.
RO
0010
CLK19
DIVIL_DMA. DMA Clock entering DIVIL.
RO
0010
CLK18
DIVIL_LPC. LPC Clock entering DIVIL.
RO
0010
CLK17
DIVIL_LB. LBus Clock entering DIVIL.
RO
0010
CLK16
DIVIL_GLIU. GeodeLink (GLIU) Clock entering DIVIL.
RO
0010
CLK15
ACC_BIT. AC97 Clock entering ACC.
RO
0000
CLK14
ACC_LB. 33 MHz Clock entering ACC.
RO
0010
CLK13
ACC_GLIU. GeodeLink (GLIU) Clock entering ACC.
RO
0010
CLK12
ATAC_LB. 66 MHz Clock entering ATAC.
RO
0010
CLK11
ATAC_GLIU. GeodeLink (GLIU) Clock entering ATAC.
RO
0010
CLK10
USB2_48M. 48 MHz Clock entering USB (ports 3 & 4).
RO
0010
CLK9
USB1_48M. 48 MHz Clock entering USB (ports 1 & 2).
RO
0010
CLK8
USB2_LB. 33 MHz Clock entering USB (ports 3 & 4).
RO
0010
CLK7
USB1_LB. 33 MHz Clock entering USB (ports 1 & 2).
RO
0010
CLK6
USB2_GLIU. GeodeLink (GLIU) Clock entering USB (ports 3 & 4).
RO
0010
CLK5
USB1_GLIU. GeodeLink (GLIU) Clock entering USB (ports 1 & 2).
RO
0010
CLK4
GLPCI_PCIF. Fast PCI Clock for chip I/O interface.
RO
0000
CLK3
GLPCI_PCI. Normal PCI Clock for GLPCI_SB logic.
RO
0010
CLK2
GLPCI_GLIU. GeodeLink (GLIU) Clock entering GLPCI_SB.
RO
0010
CLK1
GL0_1. GeodeLink (GLIU) operational logic clock.
RO
0010
CLK0
GL0_0. GeodeLink (GLIU) clock to timer logic.
RO
0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com