Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 514 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 514 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 510Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 511Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 512Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 513Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 514Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 515Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 516Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 517Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 518Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 514 / 555 page
background image
www.national.com
514
Revision 0.8
GLCP Register Descriptions (Continued)
5.20.1 Standard GeodeLink Device MSRs
5.20.1.1
GeodeLink Device Capabilities MSR (GLCP_GLD_MSR_CAP)
5.20.1.2
GeodeLink Device Master Configuration MSR (GLCP_GLD_MSR_CONFIG)
51700018h-
517000FFh
R/W
Reserved Registers (GLPC_RSVD) - Reserved for
internal testing. Do not write to these registers.
xxxxxxxx_xxxxxxxxh
---
MSR Address
51700000h
Type
RO
Reset Value
00000000_002021xxh
GLCP_GLD_MSR_CAP Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
DEVID
REVID
GLCP_GLD_MSR_CAP Bit Descriptions
Bit
Name
Description
63:24
RSVD
Reserved. Reads as 0.
23:8
DEV_ID
Device ID. Identifies module (2021h).
7:0
REV_ID
Revision ID. Identifies module revision. See CS5535 I/O Companion Device Errata doc-
ument for value.
MSR Address
51700001h
Type
R/W
Reset Value
00000000_00000000h
GLCP_GLD_MSR_CONFIG Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
PID
GLCP_GLD_MSR_CONFIG Bit Descriptions
Bit
Name
Description
63:3
RSVD
Reserved. Always write 0.
2:0
PID
Priority ID. Always write 0.
Table 5-72. GLPC Specific MSRs Summary (Continued)
MSR
Address
Type
Register
Reset Value
Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com