Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 520 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 520 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 516Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 517Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 518Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 519Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 520Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 521Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 522Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 523Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 524Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 555 page
background image
www.national.com
520
Revision 0.8
GLCP Register Descriptions (Continued)
5.20.2.3
GLCP Fabrication (GLCP_FAB)
This is a read only register used to track various fab, process, and product family parameters. It is meant for National Semi-
conductor internal use only.
5.20.2.4
GLCP Global Power Management Control (GLCP_GLB_PM)
5.20.2.5
GLCP Debug Output from Chip (GLCP_DBGOUT)
MSR Address
5170000Ah
Type
RO
Reset Value
00000000_00000002h
GLCP_FAB Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
GLCP_FAB Bit Descriptions
Bit
Name
Description
63:0
RSVD
Reserved. Reads return reset value.
MSR Address
5170000Bh
Type
R/W
Reset Value
00000000_00000000h
GLCP_GLB_PM Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
GLCP_GLB_PM Bit Descriptions
Bit
Name
Description
63:2
RSVD
Reserved
1
CLK_DLY_EN
Clock Delay Enable. Write 1 to enable gating-off clock enables from a delay rather
than from GLCP_CLK4ACK (MSR 51700013h).
0
RSVD
Reserved. Must be written 0.
MSR Address
5170000Ch
Type
R/W
Reset Value
00000000_00000000h
GLCP_DBGOUT Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com