Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 524 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 524 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 520Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 521Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 522Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 523Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 524Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 525Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 526Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 527Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 528Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 524 / 555 page
background image
www.national.com
524
Revision 0.8
GLCP Register Descriptions (Continued)
5.20.2.12 GLCP Debug Clock Control (GLCP_DBGCLKCTL)
This register is reserved for internal testing only. These bits should not be written to.
5.20.2.13 Chip Revision ID (GLCP_CHIP_REV_ID)
0
CHIP_RESET
Chip Reset. When written to a 1, the CS5535 enters reset, which in turn resets this
register. JTAG logic is not reset by CHIP_RESET, but otherwise the entire chip is reset.
(Default = 0.)
MSR Address
51700016h
Type
R/W
Reset Value
00000000_00000002h
GLCP_DBGCLKCTL Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
GLCP_DBGCLKCTL Bit Descriptions
Bit
Name
Description
63:0
RSVD
Reserved. This register is reserved for internal testing only. These bits should not be
written to.
MSR Address
51700017h
Type
RO
Reset Value
00000000_000000xxh
CHIP_REV_ID Register Map
63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
RSVD
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
7654321
0
RSVD
MAJ
MIN
CHIP_REV_ID Bit Descriptions
Bit
Name
Description
63:8
RSVD
Reserved
7:4
MAJ
Major Revision. Identifies major silicon revision. See CS5535 I/O Companion Device
Errata document for value.
3:0
MIN
Minor Revision. Identifies minor silicon revision. See CS5535 I/O Companion Device
Errata document for value.
GLCP_SYS_RST Bit Descriptions
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com