Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 527 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 527 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 523Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 524Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 525Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 526Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 527Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 528Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 529Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 530Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 531Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 527 / 555 page
background image
Revision 0.8
527
www.national.com
Electrical Specifications (Continued)
6.2
DC CHARACTERISTICS
All DC parameters and current specifications in this section
are specified under the operating conditions listed in Table
6-3 on page 526 (i.e., VCORE and VCORE_VSB = All; VIO and
VIO_VSB = All; TCASE = All) unless otherwise specified.
For a detailed explanation of buffer types for the parame-
ters listed in Table 6-5 on page 527, see Table 2-4 "Buffer
Type Characteristics" on page 28.
Table 6-5. DC Characteristics
Symbol
Buffer Type
Min
Typ
Max
Units
Comment/Condition
VIL
Low Level Input Voltage
Q3, Q5, Q7
-0.3
0.5
0.8
V
PCI
-0.3
0.5
0.3*VIO
V
IDE
-0.3
0.5
0.8
V
SMB
-0.3
0.5
0.8
V
USB Receiver
-0.3
0.8
Single ended operation. Note 1,
and Note 2.
RESET_STAND#
(Bare_Wire)
-0.3
0.5
0.8
V
VIH
High Level Input Voltage
Q3, Q5, Q7
2.0
3.0
VIO+0.3
V
PCI
0.5*VIO
3.0
VIO+0.3
V
IDE
2.0
3.0
VIO+0.3
V
SMB
2.1
3.0
5.5
V
5V tolerant, backdrive (back-
powered) protected. Note 3.
USB Receiver
2.0
AVDD_USB+0.3
V
Single ended operation. Note 1
and Note 2.
RESET_STAND#
(Bare_Wire)
2.0
3.0
VIO+0.3
V
VOL
Low Level Output Voltage
Q3, Q5, Q7
0.4
V
IOL = 24 mA.
PCI
0.1*VIO
VIOL = 1.5 mA.
IDE
0.4
V
IOL = 16 mA.
SMB
0.4
V
IOL = 4 mA.
USB Driver
0.3
V
1.5 k
Ω resister to AV
DD_USB.
dp or dn of each differential pair.
Note 2
VOH
High Level Output Voltage
Q3, Q5, Q7
2.4
V
at IOH = -24 mA.
PCI
0.9*VIO
Vat IOH = -500 µA.
IDE
2.4
V
at IOH = -16 mA.
SMB
NA
Open-drain.
USB Driver
2.8
V
15 k
Ω resister to ground.
dp or dn of each differential pair.
Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com