Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 525 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 525 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 521Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 522Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 523Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 524Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 525Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 526Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 527Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 528Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 529Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 525 / 555 page
background image
Revision 0.8
525
www.national.com
6.0
Electrical Specifications
This chapter provides information about:
• General Specifications
• DC Characteristics
• AC Characteristics
Throughout this section, the following abbreviations apply:
C
degrees centigrade
mA
milli amps
MHz
mega hertz
ms
milli seconds
mV
milli volts
NA
not applicable
ns
nano seconds
pF
pico farads
tENABLE
Time Enable
tHOLD
Time Hold
tSETUP
Time Setup
tVAL
Time Valid
Vvolts
µA
micro amps
µs
micro seconds
6.1
GENERAL SPECIFICATIONS
6.1.1
Electro Static Discharge (ESD)
This device is a high performance integrated circuit and is
ESD sensitive. Handling and assembly of this device
should be performed at ESD free workstations. Table 6-1
lists the ESD ratings of the CS5535.
6.1.2
Power/Ground Connections and Decoupling
When testing and operating this component, use standard
high frequency techniques to reduce parasitic effects.
For example:
• Filter the DC power leads with low-inductance decou-
pling capacitors.
• Use low-impedance wiring.
• Utilize all power and ground connections.
6.1.3
Absolute Maximum Ratings
Stresses beyond those indicated in Table 6-2 may cause
permanent damage to the component, reduce device reli-
ability, and result in premature failure, even when there is
no immediately apparent sign of failure. Prolonged expo-
sure to conditions at or near the absolute maximum ratings
may also result in reduced device life span and reduced
reliability.
Note:
The values in the Table 6-2 are stress ratings only.
They do not imply that operation under these con-
ditions is possible.
Table 6-1. Electro Static Discharge (ESD)
Parameter
Units
Human Body Model (HBM)
2000 V ESD
Machine Model (MM)
200 V ESD
Table 6-2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comment
Operating Case Temperature
-65
110
C
Power applied and no clocks.
Storage Temperature
-65
150
C
No power applied.
Core Supply
1.6
V
I/O Supply
3.6
V
Voltage on Non-5V Tolerant Balls
-0.5
3.6
V
Voltage on 5V Tolerant Balls
-0.5
5.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com