Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 539 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 539 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 535Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 536Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 537Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 538Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 539Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 540Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 541Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 542Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 543Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 555 page
background image
Revision 0.8
539
www.national.com
Electrical Specifications (Continued)
6.3.5
IDE Signals in Flash Mode
The signals detailed in this sub-section use an “IDE” buffer
type. For a detailed explanation of buffer types, see Table
2-4 "Buffer Type Characteristics" on page 28.
In this subsection, unless otherwise noted:
• All timing specifications are specified under the oper-
ating conditions listed in Table 6-3 on page 526 (i.e.,
VCORE and VCORE_VSB = All; VIO and VIO_VSB = All;
TCASE = All).
• Signals are referenced to LPC_CLK.
• Signal parameters are defined in Figure 6-2 "AC Refer-
ence Timing and Test Definition" on page 530.
Table 6-13. Flash Timing Parameters
Signal
Parameter
Min
Max
Units
Comment/Condition
FLASH_CS[3:0]#,
FLASH_RE#, FLASH_WE,
FLASH_ALE,
FLASH_CLE,
FLASH_AD[9:0],
FLASH_IO[7:0]
signals and I/Os in Flash
output mode
tVAL
2
9
ns
Note 1.
FLASH_IO[7:0] signals
and I/Os in Flash input
mode except
FLASH_IOCHRDY
tSETUP
8NA
ns
tHOLD
0NA
ns
FLASH_IOCHRDY
Async Input
NA
NA
ns
No clock reference.
Note 1. tVAL min times with load of: 10 pF cap to ground.
tVAL max times with load of: 50 pF cap to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com