Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 541 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 541 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 537Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 538Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 539Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 540Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 541Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 542Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 543Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 544Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 545Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 541 / 555 page
background image
Revision 0.8
541
www.national.com
Electrical Specifications (Continued)
Figure 6-8. USB Output Parameter Definition
Figure 6-9. USB Input Parameter Definition
Figure 6-10. USB Differential Input Sensitivity Range
90% VHL
Output Crossover Voltage (VCRS)
10% VOL
Rise Time
Fall Time
VOH
VOL
D+
D-
Input Crossover Voltage (VCRS)
Input Differential Voltage
Differential Input Voltage Common Mode Range (VCM)
Differential Output
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
Crossover Voltage
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com