Electronic Components Datasheet Search
  English  ▼

X  

CS5535-UDC Datasheet(PDF) 542 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CS5535-UDC
Description  Geode??CS5535 I/O Companion Multi-Function South Bridge
PDF  555 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5535-UDC Datasheet(HTML) 542 Page - National Semiconductor (TI)

Back Button CS5535-UDC Datasheet HTML 538Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 539Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 540Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 541Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 542Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 543Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 544Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 545Page - National Semiconductor (TI) CS5535-UDC Datasheet HTML 546Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 542 / 555 page
background image
www.national.com
542
Revision 0.8
Electrical Specifications (Continued)
6.3.7
System Management Bus (SMB) Signals
The signals detailed in this sub-section use an “SMB”
buffer type. For a detailed explanation of buffer types, see
Table 2-4 "Buffer Type Characteristics" on page 28.
The SMB utilizes a two-wire asynchronous protocol. Mas-
ter and slave devices are connected open-drain with an
external pull-up resistor. The SMB_CLK is not a free run-
ning fixed frequency signal, but rather a cooperatively gen-
erated signal with a minimum low time of 4.7 µs, minimum
high time of 4.0 µs, and 100 kHz frequency limit. The mini-
mum frequency is 10 kHz. The SMB_DATA signal is also
cooperatively driven. Communication on the SMB is via rel-
ative manipulation of these two signals. The SMB Control-
ler and I/O cell incorporated within the CS5535 fully meets
the requirements of the SMB specification version 2.0.
In this subsection, unless otherwise noted:
• All timing specifications are specified under the oper-
ating conditions listed in Table 6-3 on page 526 (i.e.,
VCORE and VCORE_VSB = All; VIO and VIO_VSB = All;
TCASE = All).
Table 6-15. SMB Timing Parameters
Signal
Parameter
Min
Max
Units
Comment/Condition
Bidirectional
SMB_CLK (GPIO14),
SMB_DATA (GPIO15)
Async Output or Level
NA
NA
ns
No clock reference.
Async Input
NA
NA
ns
No clock reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com