Electronic Components Datasheet Search
  English  ▼

X  

MAX3786 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX3786
Description  1.5Gbps Serial ATA-Compatible Mux/Buffer with Loopback and Equalization
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3786 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX3786 Datasheet HTML 1Page - Maxim Integrated Products MAX3786 Datasheet HTML 2Page - Maxim Integrated Products MAX3786 Datasheet HTML 3Page - Maxim Integrated Products MAX3786 Datasheet HTML 4Page - Maxim Integrated Products MAX3786 Datasheet HTML 5Page - Maxim Integrated Products MAX3786 Datasheet HTML 6Page - Maxim Integrated Products MAX3786 Datasheet HTML 7Page - Maxim Integrated Products MAX3786 Datasheet HTML 8Page - Maxim Integrated Products MAX3786 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX3786 is an AC-coupled, serial-ATA (SATA)-
compatible, 1.5Gbps multiplexer/buffer (mux/buffer) IC
that provides the capability to switch a single serial
data signal between two redundant I/O channels.
SATA out-of-band (OOB) signaling is supported using
loss-of-signal (LOS) detect on all three inputs and
shutdown on the corresponding outputs. The high-speed
inputs and outputs are all internally terminated, compati-
ble with 100
Ω differential systems, and must be AC-cou-
pled to the controller IC and SATA-compatible disk drive.
Receive equalization (EQ) and transmit preemphasis
(PE) are provided on the dual I/O channels to mitigate
the effects of intersymbol interference in the signal
path. Loopback can be enabled on the nonselected
I/O channel.
The MAX3786 operates from a single +3.3V supply and
typically consumes 520mW with PE and EQ enabled. It
is available in a 5mm x 5mm, 32-lead thin QFN
exposed-pad package and operates over a 0°C to
+85°C temperature range.
Applications
1.5Gbps Serial ATA Redundancy
Features
♦ < 50psP-P Total Residual Jitter (20in FR-4, EQ
and PE On)
♦ Supports SATA OOB Signaling
♦ Loopback of Nonselected Channel
♦ Receive Equalization and Transmit Preemphasis
on Controller-Side I/O Channels
♦ 0°C to +85°C Operation
♦ 32-Pin, 5mm 5mm Thin QFN Package
♦ +3.3V Power Supply
1.5Gbps Serial ATA-Compatible Mux/Buffer with
Loopback and Equalization
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
MAX3786
OUT1
CONTROLLER 1
CONTROLLER 2
DISK DRIVE
2in TO 24in FR-4
2in TO 24in FR-4
IN1
RX
TX
IN0
OUT0
Typical Application Circuit
19-2727; Rev 2; 6/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE PIN-PACKAGE
PKG CODE
MAX3786UTJ
0°C to +85°C
32 Thin QFN-EP*
(5mm
× 5mm)
T3255-2
MAX3786UTJ+
0°C to +85°C
32 Thin QFN-EP*
(5mm
× 5mm)
Pin Configuration and Functional Diagram appear at end of data sheet.
+Denotes lead-free package.
*EP = Exposed pad.


Similar Part No. - MAX3786

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX378-MAX379 MAXIM-MAX378-MAX379 Datasheet
104Kb / 12P
High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX3781 MAXIM-MAX3781 Datasheet
300Kb / 5P
Evaluation Kit
Rev 1; 10/01
MAX3781EVKIT MAXIM-MAX3781EVKIT Datasheet
300Kb / 5P
Evaluation Kit
Rev 1; 10/01
MAX3783 MAXIM-MAX3783 Datasheet
198Kb / 8P
2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
More results

Similar Description - MAX3786

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200 Datasheet
1Mb / 14P
Dual 4.25 Gb/s 1:2 Mux/Buffer with Input Equalization and Output Pre-Emphasis
DS25MB200 NSC-DS25MB200 Datasheet
660Kb / 13P
Dual 2.5 Gb/s 1:2 Mux/Buffer with Input Equalization and Output Pre-Emphasis
DS25MB100 NSC-DS25MB100 Datasheet
993Kb / 16P
2.5 Gb/s 1:2 Mux/Buffer with Input Equalization and Output De-Emphasis
DS25MB100_0712 NSC-DS25MB100_0712 Datasheet
995Kb / 16P
2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit De-Emphasis and Receive Equalization
logo
Maxim Integrated Produc...
MAX3783 MAXIM-MAX3783 Datasheet
198Kb / 8P
2.7Gbps Dual Mux/Buffer with Loopback
Rev 2; 1/08
logo
Texas Instruments
DS64MB201 TI1-DS64MB201 Datasheet
1Mb / 28P
DS64MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS100MB201 TI1-DS100MB201 Datasheet
352Kb / 22P
DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS100MB203 TI1-DS100MB203 Datasheet
430Kb / 33P
10.3125 Gbps Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
DS100MB201 TI1-DS100MB201_16 Datasheet
1Mb / 26P
Dual Lane 2:1/1:2 Mux/Buffer with Equalization
DS64MB201 TI1-DS64MB201_13 Datasheet
2Mb / 32P
Dual Lane 2:1/1:2 Mux/Buffer with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com