Electronic Components Datasheet Search
  English  ▼

X  

MAX3786 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3786
Description  1.5Gbps Serial ATA-Compatible Mux/Buffer with Loopback and Equalization
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3786 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3786 Datasheet HTML 2Page - Maxim Integrated Products MAX3786 Datasheet HTML 3Page - Maxim Integrated Products MAX3786 Datasheet HTML 4Page - Maxim Integrated Products MAX3786 Datasheet HTML 5Page - Maxim Integrated Products MAX3786 Datasheet HTML 6Page - Maxim Integrated Products MAX3786 Datasheet HTML 7Page - Maxim Integrated Products MAX3786 Datasheet HTML 8Page - Maxim Integrated Products MAX3786 Datasheet HTML 9Page - Maxim Integrated Products MAX3786 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
that OOB signaling is transmitted through the MAX3786
(see Table 1). The time for the LOS circuit to detect an
inactive input and disable the associated output, or
detect an active input and enable the output, is less
than 5ns.
Equalization and Preemphasis
High-speed inputs IN0 and IN1 have integrated equal-
ization, and high-speed outputs OUT0 and OUT1 have
integrated PE to mitigate the effects of intersymbol
interference in an FR-4 transmission line signal path.
These circuits provide EQ or PE that matches the typi-
cal path loss of a 20in, 6-mil FR-4 differential stripline.
Four active-low LVCMOS inputs, EQ0EN, EQ1EN,
PE0EN, and PE1EN are provided to enable EQ and PE
independently. All four control lines are internally pulled
high through 40k
Ω resistors (see the Functional
Diagram). EQ and PE should be enabled when the total
path loss exceeds approximately 2.5dB.
Input Terminations
All high-speed inputs accept current-mode logic (CML)
and are SATA compatible. The inputs contain internal
100
Ω differential termination, and must be AC-coupled
to the controller IC and SATA-compatible disk drive for
proper operation.
Two pins (CM0 and CM1) provide access to the IN0
and IN1 common-mode points. CM0 and CM1 are nor-
mally left unconnected; however, a capacitor up to
1.0µF can be connected from each CM_ pin to VCC,
providing a low-impedance AC common-mode path to
VCC (see Figure 1).
Output Terminations
The MAX3786 uses CML for its high-speed outputs.
They are SATA compatible and provide 50
Ω termina-
tions to VCC (see Figure 2). The high-speed outputs
must be AC-coupled to the controller IC and SATA-
compatible disk drive for proper operation.
Applications Information
Hot Swap
The MAX3786 is designed so that arbitrary sequencing
of VCC and I/O signals during startup does not affect
operation of the part.
Exposed-Pad Package
The MAX3786 is available in a 5mm 5mm, 32-pin thin
QFN package with EP for signal integrity and place-
ment flexibility. The exposed pad provides thermal and
electrical connectivity to the IC, and must be soldered
to a high-frequency ground plane. It is recommended
to use at least nine vias to connect the ground pad
underneath the 32-lead thin QFN package to the PC
board ground plane.
Layout Considerations
Use controlled-impedance transmission lines to inter-
face with the MAX3786 high-speed inputs and outputs.
Power-supply decoupling capacitors should be placed
as close as possible to the VCC pins.
1.5Gbps Serial ATA-Compatible Mux/Buffer with
Loopback and Equalization
6
_______________________________________________________________________________________
MAX3786
VCC
VCC
VCC
IN_+
CM_
IN_-
50
50
2pF
0.2mA
1.6k
Figure 1. Input Structure (IN0, IN1)
50
50
VCC
OUT_+
OUT_-
MAX3786
Figure 2. Output Structure (OUT0, OUT1)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com