Electronic Components Datasheet Search
  English  ▼

X  

HS3103-MC2 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HS3103-MC2
Description  High Performance Relative Humidity and Temperature Sensor Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3103-MC2 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HS3103-MC2 Datasheet HTML 9Page - Renesas Technology Corp HS3103-MC2 Datasheet HTML 10Page - Renesas Technology Corp HS3103-MC2 Datasheet HTML 11Page - Renesas Technology Corp HS3103-MC2 Datasheet HTML 12Page - Renesas Technology Corp HS3103-MC2 Datasheet HTML 13Page - Renesas Technology Corp HS3103-MC2 Datasheet HTML 14Page - Renesas Technology Corp HS3103-MC2 Datasheet HTML 15Page - Renesas Technology Corp HS3103-MC2 Datasheet HTML 16Page - Renesas Technology Corp HS3103-MC2 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
HS310x-MCx Datasheet
R36DS0019EU0106 Rev.1.06
Mar 28, 2023
Page 13
This command takes 120
µs to process, after which the master has access to the non-volatile memory registers
listed in the following table. All of these registers are 16 bits wide.
To return to normal sensor operation and perform measurements, the master must send the I2C address and a
Write bit, followed by the command: 0x80|0x00|0x00.
Table 7. Non-volatile Memory Registers
Address
Register Description
0x06
Humidity Sensor Resolution – Read Register (bits 11:10).
0x46
Humidity Sensor Resolution – Write Register (bits 11:10).
0x11
Temperature Sensor Resolution – Read Register (bits 11:10).
0x51
Temperature Sensor Resolution – Write Register (bits 11:10).
0x1E
Read Sensor ID – Upper 2 bytes.
0x1F
Read Sensor ID – Lower 2 bytes.
5.9
Setting the Measurement Resolution
The HS310x-MCx series relative humidity and temperature measurement resolutions can be set independently
to 8, 10, 12, or 14-bits by writing to the non-volatile memory, and are initially set to 14 bits by default. The
procedure to set the humidity sensor resolution is illustrated in the following figure. The relative humidity and
temperature resolution can be read in registers 0x06 and 0x11, respectively, or written in registers 0x46 or
0x51. The resolution information is stored in bits [11:10] of these registers, as listed in Table 8. All of the other
bits in these registers must be left unchanged. As such, before writing new resolution settings, the contents of
the read registers must be read, and only bits [11:10] can be changed in the write registers. Once bits [11:10] are
changed to set the desired resolution, the entire register must be written back to the HS310x-MCx sensor.
Figure 15. Sequence of Commands to Change the Relative Humidity Resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com