Electronic Components Datasheet Search
  English  ▼

X  

HS3103-MC2 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HS3103-MC2
Description  High Performance Relative Humidity and Temperature Sensor Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HS3103-MC2 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HS3103-MC2 Datasheet HTML 10Page - Renesas Technology Corp HS3103-MC2 Datasheet HTML 11Page - Renesas Technology Corp HS3103-MC2 Datasheet HTML 12Page - Renesas Technology Corp HS3103-MC2 Datasheet HTML 13Page - Renesas Technology Corp HS3103-MC2 Datasheet HTML 14Page - Renesas Technology Corp HS3103-MC2 Datasheet HTML 15Page - Renesas Technology Corp HS3103-MC2 Datasheet HTML 16Page - Renesas Technology Corp HS3103-MC2 Datasheet HTML 17Page - Renesas Technology Corp HS3103-MC2 Datasheet HTML 18Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
HS310x-MCx Datasheet
R36DS0019EU0106 Rev.1.06
Mar 28, 2023
Page 14
Table 8. Register Values for Different Resolution Settings
Resolution Register
Bits [11:10]
Resolution
(Bits)
00B
8
01B
10
10B
12
11B
14
The sensor non-volatile memory requires 120µs to load the data into the registers after step 1, and requires
14ms to write the data after step 4. Failure to comply with these processing times may result in data corruption
and introduce errors in sensor measurements. The procedure to change the temperature sensor resolution is the
same as that displayed in Figure 16, except the register address in Step 1 must be set to 0x11 and the register
address in Step 4 will be 0x51.
5.10
Reading the HS310x-MCx ID Number
The sensor ID is a 32-bit number and can be read in a similar fashion as illustrated in steps 1 and 2 of Figure 16,
using the appropriate register address values. The ID number is stored in two registers, with the upper and lower
16 bits stored in register addresses 0x1E and 0x1F, respectively.
6.
Calculating Humidity and Temperature Output
The entire output of the HS310x-MCx is 4 bytes. The relative humidity (in percent) and the temperature (in
degrees Celsius) are calculated with Equation 1 and Equation 2, respectively.
14
[13 0]
[%RH]
100
21
Humidity
:
Humidity
=
∗
−
Equation 1
o
14
[15 2]
[ C]
165 40
21
Temperature
:
Temperature
=
∗−
−
Equation 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com