Electronic Components Datasheet Search
  English  ▼

X  

CS5012A Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS5012A
Description  16, 14 & 12-Bit, Self-Calibrating A/D Converters
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5012A Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS5012A Datasheet HTML 28Page - Cirrus Logic CS5012A Datasheet HTML 29Page - Cirrus Logic CS5012A Datasheet HTML 30Page - Cirrus Logic CS5012A Datasheet HTML 31Page - Cirrus Logic CS5012A Datasheet HTML 32Page - Cirrus Logic CS5012A Datasheet HTML 33Page - Cirrus Logic CS5012A Datasheet HTML 34Page - Cirrus Logic CS5012A Datasheet HTML 35Page - Cirrus Logic CS5012A Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
Calibration resolution
Calibration time
reset:
interleave:
burst:
End of calibration
indicator
Throughput rate in
loopback mode
Input capacitance
in fine-charge mode
CS5012
18 bits. Results in DNL calibration
to 1/64 LSB at 12 bits.
1,441,020 CLKIN cycles
72,051 conversions
not functional
EOC falls at the completion of a RESET
calibration cycle in microprocessor mode
only. In microprocessor-independent mode
cycles after completion of a RESET calibration.
The device acquires and converts in 64
CLKIN cycles for CLKIN=4MHz, but will
require 68 CLKIN cycles at 100kHz through-
put. This is due to excess delay on
275pF typical, unipolar mode
CS5012A
15 bits. Results in DNL calibration
to 1/8 LSB at 12 bits.
58,280 CLKIN cycles
2,014 conversions
fully functional
EOC falls in either microprocessor
or microprocessor-independent
mode at the completion of a RESET
calibration cycle.
The device acquires and converts
a sample in 64 CLKIN cycles for all
CLKIN frequencies when in loopback.
103pF typical, unipolar mode
EOT must be used.
EOT.
Slew Rate
Unipolar
Coarse charge
Fine charge
Bipolar
Coarse charge
Fine charge
falls 15 CLKIN
EOT
20V/us
1.5V/us
40V/us
3.0V/us
5V/us
0.25V/us
10V/us
0.5V/us
72pF typical, bipolar mode
165pF typical, bipolar mode
Table 3. Differences Between the CS5012A and CS5012
CS5012A, CS5014, CS5016
2-38
DS14F6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com