| Electronic Components Datasheet Search |
|
CS5012A Datasheet(PDF) 37 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5012A Datasheet(HTML) 37 Page - Cirrus Logic |
|
37 / 46 page ![]() VREF – Voltage Reference, PIN 28. The analog reference voltage which sets the analog input range. It represents positive full scale for both bipolar and unipolar operation, and its magnitude sets negative full scale in bipolar mode. Digital Outputs D0 through D15 – Data Bus Outputs, PINS 2 thru 9, 12 thru 19. 3-state output pins. Enabled by CS and RD, they offer the converter’s output in a format consistent with the state of BW if A0 is high. If A0 is low, bits D0-D7 offer status register data. EOT – End Of Track, PIN 37. If low, indicates that enough time has elapsed since the last conversion for the device to acquire the analog input signal. EOC – End Of Conversion, PIN 38. This output indicates the end of a conversion or calibration cycle. It is high during a conversion and will fall to a low state upon completion of the conversion cycle indicating valid data is available at the output. Returns high on the first subsequent read or the start of a new conversion cycle. SDATA – Serial Output, PIN 40. Presents each output data bit after it is determined by the successive approximation algorithm. Valid on the rising edge of SCLK, data appears MSB first, LSB last, and each bit remains valid until the next bit appears. SCLK – Serial Clock Output, PIN 39. Used to clock converted output data serially from the CS5012A/14/16. Serial data is stable on the rising edge of SCLK. Analog Outputs REFBUF – Reference Buffer Output, PIN 29. Reference buffer output. A 0.1 µF ceramic capacitor must be tied between this pin and VA-. Miscellaneous TST – Test, PIN 31. Allows access to the CS5012A/14/16’s test functions which are reserved for factory use. Must be tied to DGND. CS5012A, CS5014, CS5016 DS14F6 2-43 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |