Electronic Components Datasheet Search
  English  ▼

X  

ADXL358CCCZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADXL358CCCZ
Description  Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL358CCCZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADXL358CCCZ Datasheet HTML 8Page - Analog Devices ADXL358CCCZ Datasheet HTML 9Page - Analog Devices ADXL358CCCZ Datasheet HTML 10Page - Analog Devices ADXL358CCCZ Datasheet HTML 11Page - Analog Devices ADXL358CCCZ Datasheet HTML 12Page - Analog Devices ADXL358CCCZ Datasheet HTML 13Page - Analog Devices ADXL358CCCZ Datasheet HTML 14Page - Analog Devices ADXL358CCCZ Datasheet HTML 15Page - Analog Devices ADXL358CCCZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet
ADXL358
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 12 of 16
Figure 26 shows the ADXL358 application circuit. The analog
outputs (XOUT, YOUT, and ZOUT) are ratiometric to the 1.8 V analog
voltage from the V1P8ANA pin. V1P8ANA can be powered with an
on-chip LDO regulator that is powered from VSUPPLY. V1P8ANA
can also be supplied externally by forcing VSUPPLY to VSS, which
disables the LDO regulator. Due to the ratiometric response, the
analog output requires referencing to the V1P8ANA supply when
digitizing to achieve the inherent noise and offset performance of
the ADXL358. The 0 g bias output is nominally equal to V1P8ANA/2.
The recommended option is to use the ADXL358 with a ratiometric
analog-to-digital converter (ADC), for example, the Analog Devices,
Inc., AD7682, and V1P8ANA providing the voltage reference. This
configuration results in self cancellation of errors due to minor
supply variations.
Figure 26. ADXL358 Application Circuit
The ADXL358 outputs two forms of filtering: internal antialiasing
filtering with a cutoff frequency of approximately 1.5 kHz, and
external filtering. The external filter uses a fixed, on-chip, 32
kΩ resistance in series with each output in conjunction with the
external capacitors to implement the low-pass filter antialiasing
and noise reduction prior to the external ADC. The antialias filter
cutoff frequency must be significantly higher than the desired signal
bandwidth. If the antialias filter corner is too low, ratiometricity can
degrade where the signal attenuation is different from the reference
attenuation.
AXES OF ACCELERATION SENSITIVITY
Figure 27 shows the axes of acceleration sensitivity. Note that the
output voltage increases when accelerated along the sensitive axis.
Figure 27. Axes of Acceleration Sensitivity
POWER SEQUENCING
There are two methods for applying power to the device. Typically,
internal LDO regulators generate the 1.8 V power for the analog
and digital supplies, V1P8ANA and V1P8DIG, respectively. Optionally,
the internal LDO regulators can be disabled, and V1P8ANA and
V1P8DIG can be driven by external 1.8 V supplies.
When using the internal LDO regulators, connect VSUPPLY to a
voltage source between 2.25 V and 3.6 V. In this case, the recom-
mended power sequence is to apply power to VDDIO, followed by
applying power to VSUPPLY approximately 10 µs after. If necessary,
VSUPPLY and VDDIO can be powered from the same voltage source
so that both are powered at the same time. However, VSUPPLY
cannot be powered before VDDIO.
To disable the internal LDO regulators, tie VSUPPLY to ground and
use external 1.8 V supplies to power V1P8ANA and V1P8DIG. V1P8ANA
and V1P8DIG must have the same voltage level. The maximum
acceptable tolerance between the external V1P8ANA and V1P8DIG
voltage levels is 50 mV. When bypassing the LDO regulators, the
recommended power sequence is to apply power to VDDIO, followed
by applying power to V1P8DIG approximately 10 µs after, and then
applying power to V1P8ANA approximately 10 µs after. If necessary,
V1P8DIG and VDDIO can be powered from the same external 1.8
V supply, which can also be tied to V1P8ANA with proper isolation
so that all are powered at the same time. In this instance, proper
decoupling and low frequency isolation are important to maintain
the noise performance of the sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com