Electronic Components Datasheet Search
  English  ▼

X  

ADXL358CCCZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADXL358CCCZ
Description  Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL358CCCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADXL358CCCZ Datasheet HTML 8Page - Analog Devices ADXL358CCCZ Datasheet HTML 9Page - Analog Devices ADXL358CCCZ Datasheet HTML 10Page - Analog Devices ADXL358CCCZ Datasheet HTML 11Page - Analog Devices ADXL358CCCZ Datasheet HTML 12Page - Analog Devices ADXL358CCCZ Datasheet HTML 13Page - Analog Devices ADXL358CCCZ Datasheet HTML 14Page - Analog Devices ADXL358CCCZ Datasheet HTML 15Page - Analog Devices ADXL358CCCZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Data Sheet
ADXL358
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 13 of 16
POWER SUPPLY DESCRIPTION
The ADXL358 has four different power supply domains: VSUPPLY,
V1P8ANA, V1P8DIG, and VDDIO. The internal analog and digital circui-
try operates at 1.8 V nominal.
VSUPPLY
VSUPPLY is 2.25 V to 3.6 V, which is the input range to the two LDO
regulators that generate the nominal 1.8 V outputs for V1P8ANA and
V1P8DIG. Connect VSUPPLY to VSS to disable the LDO regulators,
which allows driving V1P8ANA and V1P8DIG from an external source.
V1P8ANA
All sensor and analog signal processing circuitry operates in this
domain. Offset and sensitivity of the analog output ADXL358 are
ratiometric to this supply voltage. When using external ADCs, use
V1P8ANA as the reference voltage. V1P8ANA can be an input or an
output as defined by the state of the VSUPPLY voltage.
V1P8DIG
V1P8DIG is the supply voltage for the internal logic circuitry. A
separate LDO regulator decouples the digital supply noise from the
analog signal path. V1P8ANA can be an input or an output as defined
by the state of the VSUPPLY voltage. If driven externally, V1P8DIG
must be the same voltage as the V1P8ANA voltage.
VDDIO
The VDDIO value determines the logic high levels for the self test
pins, ST1 and ST2, as well as the STBY pin.
The LDO regulators are operational when VSUPPLY is between 2.25
V and 3.6 V. V1P8ANA and V1P8DIG are the regulator outputs in
this mode. Alternatively, when tying VSUPPLY to VSS, V1P8ANA and
V1P8DIG are supply voltage inputs with a 1.62 V to 1.98 V range.
OVERRANGE PROTECTION
To avoid electrostatic capture of the proof mass when the acceler-
ometer is subject to input acceleration beyond its full-scale range,
all sensor drive clocks turn off for 0.5 ms. In the ±10 g range
setting, the overrange protection activates for input signals beyond
approximately ±40 g (±25%), and for the ±20 g and ±40 g range
settings, the threshold corresponds to about ±80 g (±25%). When
overrange protection occurs, the XOUT, YOUT, and ZOUT pins on the
ADXL358 begin to drive to midscale.
SELF TEST
The ADXL358 incorporates a self test feature that effectively tests
the mechanical and electronic system. Enabling self test stimulates
the sensor electrostatically to produce an output corresponding to
the test signal applied as well as the mechanical force exerted.
Only the z-axis response is specified to validate device functionality.
In the ADXL358, drive the ST1 pin to VDDIO to invoke self test
mode. Then, by driving the ST2 pin to VDDIO, the ADXL358 applies
an electrostatic force to the mechanical sensor and induces a
change in output in response to the force. The self test delta (or
response) is the difference in output voltage in the z‑axis when ST2
is high vs. ST2 is low, while ST1 is asserted. After the self test
measurement is complete, bring both pins low to resume normal
operation.
FILTER
The ADXL358 uses an analog, low-pass, antialiasing filter to reduce
out of band noise and to limit bandwidth.
The analog, low-pass antialiasing filter in the ADXL358 provides a
fixed −3 dB bandwidth of approximately 1.5 kHz, the frequency at
which the voltage output response is attenuated by approximately
30%. The shape of the filter response in the frequency domain is
that of a sinc filter. While the analog antialiasing filter attenuates the
output response around and over its cutoff frequency, the MEMS
sensor has a resonance at 5.5 kHz and mechanically amplifies
the output response at around 2 kHz and over. These competing
trends are apparent in the overall transfer function of the ADXL358,
as shown in Figure 3 to Figure 5. Therefore, the overall −3 dB
bandwidth of the ADXL358 is 2.4 kHz, and the overall bandwidth
with ±4 dB flatness is about 4.4 kHz.
The ADXL358 x-axis, y-axis, and z-axis analog outputs include an
amplifier followed by a series 32 kΩ resistor and output to the XOUT,
the YOUT, and the ZOUT pins, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com