Electronic Components Datasheet Search
  English  ▼

X  

IXTP94N20X4 Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXTP94N20X4
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP94N20X4 Datasheet(HTML) 3 Page - IXYS Corporation

  IXTP94N20X4 Datasheet HTML 1Page - IXYS Corporation IXTP94N20X4 Datasheet HTML 2Page - IXYS Corporation IXTP94N20X4 Datasheet HTML 3Page - IXYS Corporation IXTP94N20X4 Datasheet HTML 4Page - IXYS Corporation IXTP94N20X4 Datasheet HTML 5Page - IXYS Corporation IXTP94N20X4 Datasheet HTML 6Page - IXYS Corporation IXTP94N20X4 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2020 Littelfuse, Inc.
IXTP94N20X4
0
10
20
30
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
VDS - Volts
Fig. 1. Output Characteristics @ TJ = 25oC
6V
5V
7V
VGS = 10V
9V
8V
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
VDS - Volts
Fig. 3. Output Characteristics @ TJ = 150oC
VGS = 10V
8V
7V
4V
6V
5V
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
-50
-25
0
25
50
75
100
125
150
175
TJ - Degrees Centigrade
Fig. 4. RDS(on) Normalized to ID = 47A Value vs.
Junction Temperature
VGS = 10V
I D = 94A
I D = 47A
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
50
100
150
200
250
300
350
ID - Amperes
Fig. 5. RDS(on) Normalized to ID = 47A Value vs.
Drain Current
VGS = 10V
TJ = 150oC
TJ = 25oC
0
50
100
150
200
250
300
350
400
0
5
10
15
20
25
VDS - Volts
Fig. 2. Extended Output Characteristics @ TJ = 25oC
6V
8V
7V
5V
VGS = 10V
9V
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
-60
-40
-20
0
20
40
60
80
100
120
140
160
TJ - Degrees Centigrade
Fig. 6. Normalized Breakdown & Threshold Voltages
vs. Junction Temperature
VGS(th)
BVDSS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com