Electronic Components Datasheet Search
  English  ▼

X  

IXTP94N20X4 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTP94N20X4
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP94N20X4 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTP94N20X4 Datasheet HTML 1Page - IXYS Corporation IXTP94N20X4 Datasheet HTML 2Page - IXYS Corporation IXTP94N20X4 Datasheet HTML 3Page - IXYS Corporation IXTP94N20X4 Datasheet HTML 4Page - IXYS Corporation IXTP94N20X4 Datasheet HTML 5Page - IXYS Corporation IXTP94N20X4 Datasheet HTML 6Page - IXYS Corporation IXTP94N20X4 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Littelfuse reserves the right to change limits, test conditions and dimensions.
IXTP94N20X4
0
10
20
30
40
50
60
70
80
90
100
-50
-25
0
25
50
75
100
125
150
175
TC - Degrees Centigrade
Fig. 7. Maximum Drain Current vs. Case Temperature
0
20
40
60
80
100
120
140
160
180
200
0
20
40
60
80
100
120
140
160
ID - Amperes
Fig. 9. Transconductance
25oC
150oC
TJ = - 40oC
VDS = 10V
0
50
100
150
200
250
300
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VSD - Volts
Fig. 10. Forward Voltage Drop of Intrinsic Diode
TJ = 25oC
TJ = 150oC
0
1
2
3
4
5
6
7
8
9
10
0
10
20
30
40
50
60
70
80
QG - NanoCoulombs
Fig. 11. Gate Charge
VDS = 100V
I D = 47A
I G = 10mA
1
10
100
1,000
10,000
100,000
1
10
100
1,000
VDS - Volts
Fig. 12. Capacitance
f = 1 MHz
Ciss
Crss
Coss
0
20
40
60
80
100
120
140
160
3.5
4.0
4.5
5.0
5.5
6.0
6.5
VGS - Volts
Fig. 8. Input Admittance
TJ = 150oC
25oC
- 40oC
VDS = 10V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com