Electronic Components Datasheet Search
  English  ▼

X  

MCP1641X Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1641X
Description  Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1641X Datasheet(HTML) 5 Page - Microchip Technology

  MCP1641X Datasheet HTML 1Page - Microchip Technology MCP1641X Datasheet HTML 2Page - Microchip Technology MCP1641X Datasheet HTML 3Page - Microchip Technology MCP1641X Datasheet HTML 4Page - Microchip Technology MCP1641X Datasheet HTML 5Page - Microchip Technology MCP1641X Datasheet HTML 6Page - Microchip Technology MCP1641X Datasheet HTML 7Page - Microchip Technology MCP1641X Datasheet HTML 8Page - Microchip Technology MCP1641X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
 2020-2021 Microchip Technology Inc. and its subsidiaries
DS20006394D-page 5
MCP1641X
Low Battery Output Low
Level
LBILOW
—0.4
—
V
ISINK = 2 mA (Note 4)
Start-up Time
tS
—
1
—
ms
EN low-to-high, 90% of VOUT
(Notes 3, 4)
Thermal Shutdown
Die Temperature
TSHDN
—140
—
C
Thermal Shutdown
Temperature Hysteresis
TSHDNHYS
—10—
C
Internal Overtemperature
Output
PGTOT
—75—
C
PGT signal switch from
high-to-low level,
MCP16411/2/3/4 only
AC/DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, VIN = 1.2V, COUT = CIN = 10 µF, L = 4.7 µH, VOUT = 3.3V,
IOUT = 10 mA, TA = +25°C. Boldface specifications apply over the TA range of -40°C to +85°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: For VIN > VOUT, the device enters Automatic Input-to-Output Bypass mode, 
VOUT = VIN – RDS(ON)P * IOUT, maximum VIN is 5.25V.
2: VOUT pin is forced biased with a voltage higher than the nominal VOUT (device is not switching) at
IOUT = 0 mA. IQIN and IQOUT are the device’s current consumption at VIN and VOUT pins during Sleep
periods. The device selects its bias from VIN and/or VOUT.
3: 330
 resistive load, 3.3V VOUT (10 mA).
4: Determined by characterization, not production tested.
5: This is ensured by design.
TEMPERATURE SPECIFICATIONS
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Temperature Range
TJ
-40
—
+125
°C
Steady state
Storage Temperature Range
TA
-65
—
+150
°C
Maximum Junction Temperature
TJ
—
—
+150
°C
Transient
Package Thermal Resistances
Thermal Resistance, 10-Lead MSOP
JA
—71—
°C/W
Thermal Resistance, 10-Lead
3 mm x 3 mm TDFN
JA
—54—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com