Electronic Components Datasheet Search
  English  ▼

X  

MCP1641X Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1641X
Description  Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1641X Datasheet(HTML) 1 Page - Microchip Technology

  MCP1641X Datasheet HTML 1Page - Microchip Technology MCP1641X Datasheet HTML 2Page - Microchip Technology MCP1641X Datasheet HTML 3Page - Microchip Technology MCP1641X Datasheet HTML 4Page - Microchip Technology MCP1641X Datasheet HTML 5Page - Microchip Technology MCP1641X Datasheet HTML 6Page - Microchip Technology MCP1641X Datasheet HTML 7Page - Microchip Technology MCP1641X Datasheet HTML 8Page - Microchip Technology MCP1641X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
MCP1641X
 2020-2021 Microchip Technology Inc. and its subsidiaries
DS20006394D-page 1
Features
• Input Voltage Range: 0.8V (after Start-up)
to 5.25V
• Low Device Quiescent Current: 5 µA (typical),
PFM Mode (not switching)
• Up to 96% Efficiency
• 1A Typical Inductor Peak Current Limit:
-IOUT > 170 mA at 2V VOUT, 1.2V VIN
-IOUT > 200 mA at 3.3V VOUT, 1.5V VIN
-IOUT > 600 mA at 5.0V VOUT, 3.6V VIN
• Adjustable Output Voltage Range
• Automatic Input-to-Output Bypass Operation
• Selectable Switching Mode:
- PWM operation: 500 kHz (MCP16412/4/6/8)
- Automatic PFM/PWM operation
(MCP16411/3/5/7)
• Programmable Undervoltage Lockout (UVLO)
• Programmable Low Battery Output (LBO)
• Selectable Status Indicator:
- Power Good and Die Overtemperature
output (MCP16411/2/3/4)
- Power Good output (MCP16415/6/7/8)
• Internal Synchronous Rectifier
• Internal Compensation
• Inrush Current Limiting and Internal Soft Start
• Low Noise, Anti-Ringing Control
• Thermal Shutdown
• Selectable Shutdown States:
- Output discharge option (MCP16411/2/5/6)
- Input-to-output bypass option
(MCP16413/4/7/8)
• Shutdown Current: 2.3 µA (typical)
• Available Packages:
- 10-Lead MSOP
- 10-Lead 3 mm x 3 mm TDFN
Applications
• Personal and Health Care Products
• Single-Cell or Two-Cell Powered IoT Devices
•Bluetooth® Headsets
• Remote Controllers, Portable Instruments
• Wireless Sensors, Data Loggers
Description
The MCP1641X Step-up DC-DC Converters family
provides an automatic input-to-output voltage bypass
operation, which helps optimize battery utilization and
achieve high efficiency, while the nominal voltage of
fresh batteries remains in the same range with the con-
verter’s output value. The MCP1641X can be powered
by either single-cell, two-cell alkaline/NiMH batteries or
single-cell Li-Ion/Li-Polymer batteries.
A low-voltage designed architecture allows the
regulator to start up without high inrush current or
output voltage overshoot from a low input voltage. The
start-up voltage is easily programmed by a resistive
divider connected to the UVLO pin. If the resistive
divider is not used, the default start-up voltage is 0.85V.
The 0.8V built-in UVLOSTOP helps prevent deep dis-
charge of the alkaline battery, which can cause battery
leakage. An open-drain Low Battery Output (LBO) pin
warns the user to replace the battery if the input voltage
ramps down to the programmed UVLOSTART value.
The MCP1641X family introduces an additional safety
feature to a low-voltage boost converter: Over-
temperature Output. Devices, such as personal care
products, Bluetooth headsets or toys, will benefit from
the combined Power Good and Die Overtemperature
(PGT) output, which flags a warning signal when the out-
put voltage level drops within 10% or the die temperature
exceeds the +75°C (typical).(1) Both functions are
implemented in the MCP16411/2/3/4 devices (on the
same pin, PGT), while the MCP16415/6/7/8 devices
have only the Power Good option.
Package Types
Note 1: Factory programmable from +55
C to
+85
C, at +10C increments, by customer
request.
*Includes Exposed Thermal Pad (EP), see Table 4-1.
**See Table 3-1 for device options – PGT or PG pin.
MCP1641X
3x3 TDFN*
1
2
3
4
10
9
8
7
EP
11
8
1
2
3
10
VIN
PGND
LBO
VFB
PGT**
9
SGND
MCP1641X
10-Lead MSOP
7
4
SW
VOUT 5
6
5
6
EN
UVLO
LBO
VFB
VOUT
UVLO
VIN
PGND
SGND
SW
EN
PGT**
Low IQ Boost Converter with Programmable Low Battery, UVLO and
Automatic Input-to-Output Bypass Operation


Similar Part No. - MCP1641X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1641X MICROCHIP-MCP1641X Datasheet
1Mb / 44P
Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
02/28/20
More results

Similar Description - MCP1641X

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
Low Iq Synchronous Boost Converter with Output Disconnect
logo
Texas Instruments
TPS61093 TI-TPS61093 Datasheet
753Kb / 20P
LOW INPUT BOOST CONVERTER WITH INTEGRATED POWER DIODE AND INPUT/OUTPUT ISOLATION
logo
Monolithic Power System...
MP3425 MPS-MP3425 Datasheet
720Kb / 13P
3A, 55V Boost Converter with Programmable Switching Frequency and UVLO
logo
Texas Instruments
TPS61291 TI-TPS61291_15 Datasheet
1Mb / 25P
TPS61291 Low Iq Boost Converter with Bypass Operation
TPS61291 TI1-TPS61291_16 Datasheet
1Mb / 25P
TPS61291 Low Iq Boost Converter with Bypass Operation
logo
Monolithic Power System...
MP3426 MPS-MP3426 Datasheet
388Kb / 15P
6A, 35V Boost Converter with Programmable Switching Frequency and UVLO
EV3426-L-00A MPS-EV3426-L-00A Datasheet
541Kb / 7P
6A, 35V Boost Converter with Programmable Switching Frequency and UVLO Evaluation Board
EVQ3426-L-00A MPS-EVQ3426-L-00A Datasheet
307Kb / 7P
6A, 35V Boost Converter with Programmable Switching Frequency and UVLO Evaluation Board
logo
Microchip Technology
MCP1641X MICROCHIP-MCP1641X Datasheet
1Mb / 44P
Low IQ Boost Converter with Programmable Low Battery, UVLO and Automatic Input-to-Output Bypass Operation
02/28/20
logo
Renesas Technology Corp
ISL9122A RENESAS-ISL9122A Datasheet
873Kb / 29P
Ultra-Low IQ Buck-Boost Regulator With Bypass
Mar 17, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com