Electronic Components Datasheet Search
  English  ▼

X  

MCP3910 Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 53Page - Microchip Technology MCP3910 Datasheet HTML 54Page - Microchip Technology MCP3910 Datasheet HTML 55Page - Microchip Technology MCP3910 Datasheet HTML 56Page - Microchip Technology MCP3910 Datasheet HTML 57Page - Microchip Technology MCP3910 Datasheet HTML 58Page - Microchip Technology MCP3910 Datasheet HTML 59Page - Microchip Technology MCP3910 Datasheet HTML 60Page - Microchip Technology MCP3910 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 90 page
background image
 2012-2020 Microchip Technology Inc.
DS20005116D-page 57
MCP3910
FIGURE 7-2:
Frame Word.
These four frames can be used to multiplex SDO at the
output of the digital isolators. In this case, up to four
channels (typically three phases and one neutral for
energy metering applications) can be multiplexed. The
output data of each individual MCP3910 device can be
attributed to a different frame (FRAME0, 1, 2 or 3) and
retrieved on a single SDO line after the digital isolators,
provided that the isolators have a chip enable or a multi-
plexing feature. The frame counter can then be used to
retrieve the information about which MCP3910 part is
actually being read. After the four frames have been
transmitted, the SDO pin Idles logic low to reduce digital
isolator power consumption until the next data are avail-
able. If OSR = 64, the SDO never Idles because the data
are directly available after the four frames are transmit-
ted. Figure 7-3 displays the timing diagram for Two-Wire
Interface mode, showing all OSR possibilities. Note that
the first set of frames is sent only when the first data are
ready, which means that the settling time of the SINC
filter will be elapsed before sending the first set of
frames, as represented in Figure 7-3.
It should also be noted that since the PHASE register
is back to its default value in the Two-Wire mode, there
is no delay between the two channels in this mode and
the conversions start after a delay of OSR/2 DMCLK
periods (which corresponds to 2 x OSR MCLK
periods).
FIGURE 7-3:
MCP3910 Two-Wire Communication Protocol.
CRCCOM<15:0>
DATA_CH0<23:0>
DATA_CH1<23:0>
SYNC WORD (2 Bytes)
SDO OUTPUT FRAME (10 Bytes, 80x clocks per Frame)
CHANNEL 0 ADC DATA (3 Bytes)
CHANNEL 1 ADC DATA (3 Bytes)
SDO
SCK/
MCLK
CRCCOM<15:0>
CRCCOM on Entire Frame (2 Bytes)
DATA_CH0<15:0>
DATA_CH1<15:0>
SYNC WORD (2 Bytes)
SDO OUTPUT FRAME (8 Bytes, 64x clocks per Frame)
CHANNEL 0 ADC DATA (2 Bytes)
CHANNEL 1 ADC DATA (2 Bytes)
SDO
SCK/
MCLK
FRAME CLOCKING FOR OSR>64
FRAME CLOCKING FOR OSR=64
CRCCOM on Entire Frame (2 Bytes)
TABLE 7-4:
FRAME COUNTER SETTINGS
CNT1
CNT0
FRAME NUMBER
00
FRAME0
01
FRAME1
10
FRAME2
11
FRAME3
SDO
(OSR=64)
OSC2/
MODE
SCK/MCLK
2-Wire Mode
(2*OSR)x
clocks
Hi-Z
Hi-Z
Hi-Z
Hi-Z
SDO
(OSR=128)
SDO
(OSR=256)
SDO
(OSR=512)
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
0
DATA=D1
DATA=D2
DATA=D3
DATA=D4
DATA=D5
DATA=D6
DATA=D7
DATA=D8
DATA=D9
DATA=D10 DATA=D11 DATA=D12 DATA=D13 DATA=D14 DATA=D15 DATA=D16 DATA=D17 DATA=D18 DATA=D19 DATA=D20 DATA=D21 DATA=D22 DATA=D23 DATA=D24
0
0
0
00
0
0
0
Internal data ready (Data is unsettled). No
frame is transmitted
Data Ready.
New data is available
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
256x
clocks
DATA=D25 DATA=D26 DATA=D27 DATA=D28 DATA=D29
0
0
-OSR/2
0
256x
clocks
0
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com