Electronic Components Datasheet Search
  English  ▼

X  

MCP3910 Datasheet(PDF) 60 Page - Microchip Technology

Part # MCP3910
Description  3V Two-Channel Analog Front End
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3910 Datasheet(HTML) 60 Page - Microchip Technology

Back Button MCP3910 Datasheet HTML 56Page - Microchip Technology MCP3910 Datasheet HTML 57Page - Microchip Technology MCP3910 Datasheet HTML 58Page - Microchip Technology MCP3910 Datasheet HTML 59Page - Microchip Technology MCP3910 Datasheet HTML 60Page - Microchip Technology MCP3910 Datasheet HTML 61Page - Microchip Technology MCP3910 Datasheet HTML 62Page - Microchip Technology MCP3910 Datasheet HTML 63Page - Microchip Technology MCP3910 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 90 page
background image
MCP3910
DS20005116D-page 60
 2012-2020 Microchip Technology Inc.
8.2
Power Supply Design and
Bypassing
The MCP3910 device was designed to measure posi-
tive and negative voltages that might be generated by
a current-sensing device. This current-sensing device,
with a Common-mode voltage close to 0V, is referred to
as AGND, which is a shunt or Current Transformer (CT)
with burden resistors attached to ground. The high per-
formance and good flexibility that characterize this
ADC enable it to be used in other applications, as long
as the absolute voltage on each pin, referred to AGND,
stays in the -1V to +1V interval.
In any system, the analog ICs (such as references or
operational amplifiers) are always connected to the
analog ground plane. The MCP3910 should also be
considered as a sensitive analog component and con-
nected to the analog ground plane. The ADC features
two pairs of pins: AGND and AVDD, and DGND and
DVDD. For best performance, it is recommended to
keep the two pairs connected to two different networks
(Figure 8-2). This way, the design will feature two
ground traces and two power supplies (Figure 8-3).
This means the analog circuitry (including MCP3910)
and the digital circuitry (MCU) should have separate
power supplies, and return paths to the external ground
reference, as described in Figure 8-2.
An example of a typical power supply circuit, with differ-
ent lines for analog and digital power, is shown in
Figure 8-3. A possible split example is shown in
Figure 8-4, where the ground star connection can be
done at the bottom of the device with the exposed pad.
The split between analog and digital can be done under
the device; AVDD and DVDD can be connected together
with lines coming under the ground plane. Another
possibility, sometimes easier to implement in terms of
PCB layout, is to consider the MCP3910 as an analog
component, and therefore, to connect both AVDD and
DVDD together, and AGND and DGND together with a star
connection. In this scheme, the decoupling capacitors
may be larger due to the ripple on the digital power
supply (caused by the digital filters and the SPI interface
of the MCP3910) now causing glitches on the analog
power supply.
FIGURE 8-2:
All Analog and Digital
Return Paths Need to Stay Separate with Proper
Bypass Capacitors.
FIGURE 8-3:
Power Supply with Separate Lines for Analog Section and Digital Section. Note the
“Net Tie” Object NT2 that Represents the Start Ground Connection.
VA
VD
“Star” Point
IA
ID
ID
IA
D- =
A- =
0.1 μF
0.1 μF
C
MCU
AVDD DVDD
AGND DGND
MCP39XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com