Electronic Components Datasheet Search
  English  ▼

X  

MIC4126 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC4126
Description  Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4126 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC4126 Datasheet HTML 6Page - Microchip Technology MIC4126 Datasheet HTML 7Page - Microchip Technology MIC4126 Datasheet HTML 8Page - Microchip Technology MIC4126 Datasheet HTML 9Page - Microchip Technology MIC4126 Datasheet HTML 10Page - Microchip Technology MIC4126 Datasheet HTML 11Page - Microchip Technology MIC4126 Datasheet HTML 12Page - Microchip Technology MIC4126 Datasheet HTML 13Page - Microchip Technology MIC4126 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
 2019 Microchip Technology Inc.
DS20006084A-page 10
MIC4126/27/28
4.0
APPLICATION INFORMATION
Supply Bypassing
Large currents are required to charge and discharge
large capacitive loads quickly. For example, changing a
1000pF load by 16V in 25ns requires 0.8A from the
supply input.
To ensure low supply impedance over a wide frequency
range, parallel capacitors are recommended for power
supply bypassing. Low-inductance ceramic MLC
capacitors with short lead lengths (< 0.5") should be
used. A 1.0µF film capacitor in parallel with one or two
0.1µF ceramic MLC capacitors normally provides
adequate bypassing.
Grounding
When using the inverting drivers in the MIC4126 or
MIC4128, individual ground returns for the input and
output circuits or a ground plane are recommended for
optimum switching speed. The voltage drop that occurs
between the driver’s ground and the input signal
ground, during normal high-current switching, will
behave as negative feedback and degrade switching
speed.
The E-pad and ML packages have an exposed pad
under the package. It is important for good thermal
performance that this pad is connected to a ground
plane.
Control Input
Unused driver inputs must be connected to logic high
(which can be VS) or ground. For the lowest quiescent
current (< 500µA), connect unused inputs-to-ground. A
logic-high signal will cause the driver to draw up to
9mA.
The control input voltage threshold is approximately
1.5V. The control input recognizes 1.5V up to VS as a
logic high and draws less than 1µA within this range.
Power Dissipation
Power dissipation should be calculated to make sure
that the driver is not operated beyond its thermal
ratings. Quiescent power dissipation is negligible. A
practical value for total power dissipation is the sum of
the dissipation caused by the load and the transition
power dissipation (PL + PT).
Load Dissipation
Power dissipation caused by continuous load current
(when driving a resistive load) through the driver’s
output resistance is:
PL = IL2 RO
For capacitive loads, the dissipation in the driver is:
PL = f CL VS2
Transition Dissipation
In applications switching at a high frequency, transition
power dissipation can be significant. This occurs during
switching transitions when the P-channel and
N-channel output FETs are both conducting for the brief
moment when one is turning on and the other is turning
off.
PT = 2 f VS Q
Charge (Q) is read from the following graph:
Crossover Energy Loss per Transition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com